Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1813 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1813
Description  325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 1 Page - Linear Technology

  LT1813 Datasheet HTML 1Page - Linear Technology LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT1806/LT1807
1
18067fc
TYPICAL APPLICATION
DESCRIPTION
325MHz, Single/Dual,
Rail-to-Rail Input and Output, Low Distortion,
Low Noise Precision Op Amps
The LT
®1806/LT1807 are single/dual low noise rail-to-rail
input and output unity-gain stable op amps that feature a
325MHz gain-bandwidth product, a 140V/μs slew rate and
a 85mA output current. They are optimized for low voltage,
high performance signal conditioning systems.
The LT1806/LT1807 have a very low distortion of – 80dBc
at 5MHz, a low input referred noise voltage of 3.5nV/√Hz
and a maximum offset voltage of 550μV that allows them to
be used in high performance data acquisition systems.
The LT1806/LT1807 have an input range that includes
both supply rails and an output that swings within 20mV
of either supply rail to maximize the signal dynamic range
in low supply applications.
TheLT1806/LT1807maintaintheirperformanceforsupplies
from 2.5V to 12.6V and are specified at 3V, 5V and
±5V
supplies. The inputs can be driven beyond the supplies
without damage or phase reversal of the output.
The LT1806 is available in an 8-pin SO package with the
standard op amp pinout and a 6-pin TSOT-23 package. The
LT1807 features the standard dual op amp pinout and is
available in 8-pin SO and MSOP packages.These devices
can be used as plug-in replacements for many op amps
to improve input/output range and performance.
FEATURES
APPLICATIONS
n Low Voltage, High Frequency Signal Processing
n Driving A/D Converters
n Rail-to-Rail Buffer Amplifiers
n Active Filters
n Video Line Driver
n Gain-Bandwidth Product: 325MHz
n Slew Rate: 140V/μs
n Wide Supply Range: 2.5V to 12.6V
n Large Output Current: 85mA
n Low Distortion, 5MHz: –80dBc
n Low Voltage Noise: 3.5nV/√Hz
n Input Common Mode Range Includes Both Rails
n Output Swings Rail-to-Rail
n Input Offset Voltage (Rail-to-Rail): 550μV Max
n Common Mode Rejection: 106dB Typ
n Power Supply Rejection: 105dB Typ
n Unity-Gain Stable
n Power Down Pin (LT1806)
n Operating Temperature Range: – 40°C to 85°C
n Single in SO-8 and 6-Pin Low Profile (1mm)
ThinSOT™ Packages
n Dual in SO-8 and 8-Pin MSOP Packages
–
+
1/2 LT1807
R2
909Ω
R5
49.9Ω
R6
49.9Ω
R3
100Ω
VIN
R1
100Ω
C1 5.6pF
C2 5.6pF
–
+
1/2 LT1807
R4
1k
C3
470pF
LTC
®1420
PGA GAIN = 1
VREF = 4.096V
12 BITS
10Msps
+AVIN
5V
–5V
18067 TA01
–AVIN
Gain of 20 Differential A/D Driver
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
0
123
4
18067 TA02
5
VS = 5V
AV = 20
fSAMPLE = 10Msps
fIN = 1.4086MHz
SFDR = 83dB
NONAVERAGED
VIN = 200mVP-P
4096 Point FFT Response
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
logo
List of Unclassifed Man...
LT1813 ETC1-LT1813 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1813 LINER-LT1813 Datasheet
244Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
LT1813 LINER-LT1813 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
More results

Similar Description - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806 LINER-LT1806 Datasheet
136Kb / 8P
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1809 LINER-LT1809_1 Datasheet
269Kb / 24P
Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
logo
Linear Technology
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com