Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1310 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1310
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 5 Page - Linear Technology

  LT1310 Datasheet HTML 1Page - Linear Technology LT1310 Datasheet HTML 2Page - Linear Technology LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3580
5
3580fg
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN Pin Current
SHDN Pin Current
Active/Lockout Threshold
TA = 25°C unless otherwise specified
PIN FUNCTIONS
FB (Pin 1): Positive and Negative Feedback Pin. For a
boost or inverting converter, tie a resistor from the FB pin
to VOUT according to the following equations:
R
FB =
V
OUT − 1.215
()
83.3 • 10−
6
; Boost or SEPIC Converter
R
FB =
V
OUT + 5mV
()
83.3 • 10−
6
; Inverting Converter
VC (Pin 2): Error Amplifier Output Pin. Tie external
compensation network to this pin.
VIN (Pin 3): Input Supply Pin. Must be locally bypassed.
SW (Pin 4): Switch Pin. This is the collector of the internal
NPN Power switch. Minimize the metal trace area connec-
ted to this pin to minimize EMI.
SHDN (Pin 5): Shutdown Pin. In conjunction with the
UVLO (undervoltage lockout) circuit, this pin is used
to enable/disable the chip and restart the soft-start
sequence. Drive below 1.24V (LT3580E, LT3580I) or 1.22V
(LT3580H, LT3580MP) to disable the chip. Drive above
1.38V (LT3580E, LT3580I) or 1.40V (LT3580H, LT3580MP)
to activate chip and restart the soft-start sequence. Do
not float this pin.
RT (Pin 6): Timing Resistor Pin. Adjusts the switching
frequency. Place a resistor from this pin to ground to set
the frequency to a fixed free running level. Do not float
this pin.
SS (Pin 7): Soft-Start Pin. Place a soft-start capacitor here.
Upon start-up, the SS pin will be charged by a (nominally)
275k resistor to about 2.2V.
SYNC (Pin 8): To synchronize the switching frequency to
an outside clock, simply drive this pin with a clock. The
high voltage level of the clock needs to exceed 1.3V, and
the low level should be less 0.4V. Drive this pin to less than
0.4V to revert to the internal free running clock. See the
Applications Information section for more information.
GND (Exposed Pad Pin 9): Ground. Exposed pad must
be soldered directly to local ground plane.
SHDN VOLTAGE (V)
0
0
5
10
15
20
25
30
0.5
1
–50°C
1.5
2
3580 G10
100°C
20°C
SHDN VOLTAGE (V)
0
200
250
–50°C
20°C
100°C
300
15
25
3580 G11
150
100
510
20
30
50
0
TEMPERATURE (°C)
–50
1.20
1.22
1.26
1.28
1.30
1.40
1.34
0
50
3580 G12
1.24
1.36
1.38
1.32
100
SHDN RISING
SHDN FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com