Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1399 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1399
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology LT1399 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6555
8
6555f
Power Supplies
The LT6555 is optimized for
±5V supplies but can be
operated on as little as
±2.25V or a single 4.5V supply and
as much as
±6V or a single 12V supply. Internally, each
supply is independent to improve channel isolation. Do
not leave any supply pins disconnected or the part may
not function correctly!
Enable/Shutdown
The LT6555 has a shutdown mode controlled by the EN
pin and referenced to the DGND pin. If the amplifier will
be enabled at all times, the EN pin can be connected
directly to DGND. If the enable function is desired, either
driving the pin above 2V or allowing the internal 46k pull-
up resistor to pull the EN pin to the top rail will disable the
amplifier. When disabled, the DC output impedance will
rise to approximately 360
Ω through the internal feedback
and gain resistors. Supply current into the amplifier in the
disabled state will be:
I
VV
k
VV
k
S
EN
=+
+
+
–
– –
46
80
It is important that the following constraints on the DGND,
EN and SEL pins are always followed:
V+ – VDGND ≥ 4.5V
VEN – VDGND ≤ 5.5V
VSEL – VDGND ≤ 8V
In dual supply cases where V+ is less than 4.5V, DGND
should be connected to a potential below ground, such as
V–. Since the EN and SEL pins are referenced to DGND,
they may need to be pulled below ground in those cases.
In single supply applications above 5.5V, an additional
resistor may be needed from the EN pin to DGND if the pin
is ever allowed to float. For example, on a 12V single
supply, a 33k resistor would protect the pin from floating
too high while still allowing the internal pull-up resistor to
disable the part.
On dual
±2.25V supplies, connecting the DGND pin to V–
is the only way of ensuring that V+ – VDGND ≥ 4.5V.
The DGND pin should not be pulled above the EN pin since
doing so will turn on an ESD protection diode. If the EN pin
voltage is forced a diode drop below the DGND pin, current
should be limited to 10mA or less.
The enable/disable times of the LT6555 are fast when
driven with a logic input. Turn on (from 50% EN input to
50% output) typically occurs in less than 50ns. Turn off is
slower, but is typically below 500ns.
Channel Select
The SEL pin uses the same internal threshold as the EN pin
and is also referenced to DGND. When the pin is logic low,
the channel A inputs are passed to the output. When the
pin is logic high, the channel B inputs are passed to the
output. The pin should not be floated but can be tied to
DGND to force the outputs to always be channel A or to V+
(when less than 8V) to force the outputs to always be
channel B.
Truth Table
SEL A/B
EN
OUT
00
2
× IN A
10
2
× IN B
X
1
OFF
Input Considerations
The LT6555 uses input clamps referenced to the VREF pin
to prevent damage to the input stage on the unselected
channel. Three transistors in series limit the input voltage
to within three diode drops (
±) from VREF. VREF is nomi-
nally set to half of the sum of the supplies by the 40k
resistors. A simplified schematic is shown in Figure 1.
To improve clamping, the pin’s DC impedance should be
minimized by connecting the VREF pin directly to ground in
the symmetric dual supply case with a common mode
voltage of 0V. While loaded output swing limits the useful
input voltage range in that case, if the common mode
voltage is not centered at ground or the input voltage
exceeds plus or minus three diodes from ground, an
external resistor to either supply can be added to shift the
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com