Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3430 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3430
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 2 Page - Linear Technology

  LT3430 Datasheet HTML 1Page - Linear Technology LT3430 Datasheet HTML 2Page - Linear Technology LT3430 Datasheet HTML 3Page - Linear Technology LT3430 Datasheet HTML 4Page - Linear Technology LT3430 Datasheet HTML 5Page - Linear Technology LT3430 Datasheet HTML 6Page - Linear Technology LT3430 Datasheet HTML 7Page - Linear Technology LT3430 Datasheet HTML 8Page - Linear Technology LT3430 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3844
2
3844fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VIN
SHDN
CSS
BURST_EN
VFB
VC
SYNC
fSET
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
SGND
17
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3844EFE#PBF
LT3844EFE#TRPBF
3844EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3844IFE#PBF
LT3844IFE#TRPBF
3844IFE
16-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Input Supply Voltage (VIN)......................... 65V to –0.3V
Boosted Supply Voltage (BOOST) .............. 80V to –0.3V
Switch Voltage (SW) (Note 8) ....................... 65V to –1V
Differential Boost Voltage
BOOST to SW ........................................ 24V to –0.3V
Bias Supply Voltage (VCC).......................... 24V to –0.3V
SENSE+ and SENSE– Voltages ................... 40V to –0.3V
Differential Sense Voltage
SENSE+ to SENSE– ..................................... 1V to –1V
BURST_EN Voltage .................................... 24V to –0.3V
SYNC, VC, VFB, CSS and SHDN Voltages ...... 5V to –0.3V
SHDN Pin Currents ..................................................1mA
Operating Junction Temperature Range (Note 2)
LT3844E (Note 3)............................... –40°C to 125°C
LT3844I.............................................. –40°C to 125°C
Storage Temperature.............................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 20V, VCC = BOOST = BURST_EN = 10V, SHDN = 2V, RSET = 49.9k,
SENSE– = SENSE+ = 10V, SGND = PGND = SW = SYNC = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range (Note 4)
VIN Minimum Start Voltage
VIN UVLO Threshold (Falling)
VIN UVLO Threshold Hysteresis
l
l
l
4
3.6
3.8
670
60
7.5
4
V
V
V
mV
VIN Supply Current
VIN Burst Mode Current
VIN Shutdown Current
VCC > 9V
VBURST_EN = 0V, VFB = 1.35V
VSHDN = 0V
20
20
10
15
μA
μA
μA
BOOST Operating Voltage Range
BOOST Operating Voltage Range (Note 5)
BOOST UVLO Threshold (Rising)
BOOST UVLO Threshold Hysteresis
VBOOST – VSW
VBOOST – VSW
VBOOST – VSW
l
l
5
400
75
20
V
V
V
mV
BOOST Supply Current (Note 6)
BOOST Burst Mode Current
BOOST Shutdown Current
VBURST_EN = 0V
VSHDN = 0V
1.4
0.1
0.1
mA
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com