Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1321CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1321CSW
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1321CSW Datasheet HTML 3Page - Linear Technology LTC1321CSW Datasheet HTML 4Page - Linear Technology LTC1321CSW Datasheet HTML 5Page - Linear Technology LTC1321CSW Datasheet HTML 6Page - Linear Technology LTC1321CSW Datasheet HTML 7Page - Linear Technology LTC1321CSW Datasheet HTML 8Page - Linear Technology LTC1321CSW Datasheet HTML 9Page - Linear Technology LTC1321CSW Datasheet HTML 10Page - Linear Technology LTC1321CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1321/LTC1322/LTC1335
VDD(Pin 1): Positive Supply Input for EIA/TIA-562 Drivers.
B1: (Pin 2): Receiver Input.
A1 (Pin 3): Receiver Input.
Z1 (Pin 4): Driver Output.
Y1 (Pin 5): Driver Output.
SEL1 (Pin 6): Interface Mode Select Input.
SEL2 (Pin 7): Interface Mode Select Input.
Y2 (Pin 8): Driver Output.
Z2 (Pin 9): Driver Output.
A2 (Pin 10): Receiver Input.
B2 (Pin 11): Receiver Input.
GND (Pin 12): Ground.
VEE (Pin 13): Negative Supply.
NC (Pin 14): No Connection.
RA2 (Pin 15): Receiver Output.
DE2 (Pin 16): Driver Enable with Internal Pull-Up in RS485
Mode.
DY2 (Pin 17): Driver Input.
ON/OFF (Pin 18): A HIGH logic input enables the trans-
ceivers. A LOW puts the device into shutdown mode and
reduces ICC to 15µA. This pin has an internal pull-up.
LB (Pin 19): Loopback Control Input. A LOW logic level
enables loopback connections. This pin has an internal
pull-up.
DY1 (Pin 20): Driver Input.
DE1 (Pin 21): Driver Enable with Internal Pull-Up in RS485
Mode.
RA1 (Pin 22): Receiver Output.
NC (Pin 23): No Connection.
VCC (Pin 24): Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
OE/VDD (Pin 1): For LTC1335, pin 1 is the receiver
output enable with internal pull-down. For LTC1322, pin
1 is the positive supply input for EIA/TIA-562 drivers.
B1: (Pin 2): Receiver Input.
A1 (Pin 3): Receiver Input.
Z1 (Pin 4): Driver Output.
Y1 (Pin 5): Driver Output.
SEL1 (Pin 6): Interface Mode Select Input.
SEL2 (Pin 7): Interface Mode Select Input.
Y2 (Pin 8): Driver Output.
Z2 (Pin 9): Driver Output.
A2 (Pin 10): Receiver Input.
B2 (Pin 11): Receiver Input.
GND (Pin 12): Ground.
VEE (Pin 13): Negative Supply.
RB2 (Pin 14): Receiver Output.
RA2 (Pin 15): Receiver Output.
DZ2/DE2 (Pin 16): EIA/TIA-562 Driver Input in EIA562
Mode. RS485 Driver Enable with Internal Pull-Up in
RS485 Mode.
DY2 (Pin 17): Driver Input.
ON/OFF (Pin 18): A HIGH logic input enables the
transceivers. A LOW puts the device into shutdown
mode and reduces ICC to 15µA. This pin has an internal
pull-up.
LB (Pin 19): Loopback Control Input. A LOW logic level
enables loopback connections. This pin has an internal
pull-up.
DY1 (Pin 20): Driver Input.
DZ1/DE1 (Pin 21): EIA/TIA-562 Driver Input in EIA562
Mode. RS485 Driver Enable with Internal Pull-up in
RS485 Mode.
RA1 (Pin 22): Receiver Output.
RB1 (Pin 23): Receiver Output.
VCC (Pin 24): Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
PI FU CTIO S
LTC1321
LTC1322/LTC1335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com