Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B130 Datasheet(PDF) 5 Page - Linear Technology

Part # B130
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B130 Datasheet(HTML) 5 Page - Linear Technology

  B130 Datasheet HTML 1Page - Linear Technology B130 Datasheet HTML 2Page - Linear Technology B130 Datasheet HTML 3Page - Linear Technology B130 Datasheet HTML 4Page - Linear Technology B130 Datasheet HTML 5Page - Linear Technology B130 Datasheet HTML 6Page - Linear Technology B130 Datasheet HTML 7Page - Linear Technology B130 Datasheet HTML 8Page - Linear Technology B130 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3474/LT3474-1
5
3474fd
TYPICAL PERFORMANCE CHARACTERISTICS
Schottky Reverse Leakage
Schottky Forward Voltage Drop
Open-Circuit Output Voltage and
Input Current
Minimum Input Voltage,
One White Luxeon III Star
Minimum Input Voltage,
Two Series Connected White
Luxeon III Stars
Boost Pin Current
Quiescent Current
Reference Voltage
TEMPERATURE (°C)
–50
0
5
10
15
20
–25
0
25
50
3474 G15
75
100
125
VR = 5V
VIN (V)
0
0
10
20
30
40
50
60
0
1
2
3
4
5
6
8
7
10
20
30
40
3474 G16
TA = 25°C
OUTPUT VOLTAGE
INPUT CURRENT
LT3474
LT3474-1
LT3474-1
LT3474
LED CURRENT (mA)
0
0
1
2
3
4
5
6
200
400
600
800
3474 G17
1000
TA = 25°C
TO START
LED VOLTAGE
TO RUN
LED CURRENT (mA)
0
8
9
10
800
3474 G18
7
6
5
200
400
600
1000
TO RUN
TA = 25°C
TO START
LED VOLTAGE
FORWARD VOLTAGE (mV)
0
300
400
500
800
3474 G19
200
100
0
200
400
600
1000
TA = 25°C
SWITCH CURRENT (mA)
0
0
10
20
30
40
60
250
500
750
1000
3473 G12
1250
1500
50
TA = 25°C
VIN (V)
0
0
0.5
1.0
1.5
2.0
3.0
6
12
18
24
3474 G13
30
36
2.5
TA = 25°C
TEMPERATURE (°C)
–50
–25
1.235
1.245
1.260
0
50
75
3474 G14
1.240
1.255
1.250
25
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com