Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1264 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1264
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1264 Datasheet HTML 9Page - Linear Technology LTC1264 Datasheet HTML 10Page - Linear Technology LTC1264 Datasheet HTML 11Page - Linear Technology LTC1264 Datasheet HTML 12Page - Linear Technology LTC1264 Datasheet HTML 13Page - Linear Technology LTC1264 Datasheet HTML 14Page - Linear Technology LTC1264 Datasheet HTML 15Page - Linear Technology LTC1264 Datasheet HTML 16Page - Linear Technology LTC1264 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC1068 Series
13
1068fc
MODES OF OPERATION
Mode 3
In Mode 3, the ratio of the external clock frequency to
the center frequency of each 2nd order section can be
adjusted above or below the parts nominal ratio. Figure 6
illustratesMode3,theclassicalstatevariableconfiguration,
providinghighpass,bandpassandlowpass2ndorderfilter
functions. Mode 3 is slower than Mode 1. Mode 3 can be
used to make high order all-pole bandpass, lowpass and
highpass filters.
PleaserefertotheOperatingLimitsparagraphunderApplica-
tions Information for a guide to the use of capacitor CC.
Mode 2
Mode 2 is a combination of Mode 1 and Mode 3, shown
in Figure 7. With Mode 2, the clock-to-center frequency
ratio, fCLK/fO, is always less than the part’s nominal ratio.
The advantage of Mode 2 is that it provides less sensitivity
to resistor tolerances than does Mode 3. Mode 2 has a
highpassnotchoutputwherethenotchfrequencydepends
solely on the clock frequency and is therefore less than
the center frequency, fO.
PleaserefertotheOperatingLimitsparagraphunderApplica-
tions Information for a guide to the use of capacitor CC.
Figure 5. Mode 1b, 2nd Order Filter Providing Notch,
Bandpass and Lowpass Outputs
Figure 6. Mode 3, 2nd Order Section Providing
Highpass, Bandpass and Lowpass Outputs
Figure 7. Mode 2, 2nd Order Filter Providing Highpass
Notch, Bandpass and Lowpass Outputs
–
+
Σ
AGND
R1
N
BP
LP
VIN
1068 F05
+ –
S
R2
R3
CC
R5
R6
fO =
; fn = fO
Q =
; HON = –
; HOBP = –
HOLP = –
R2
R1
R3
R1
R3
R2
fCLK
RATIO
√ R6
(R6 + R5)
R2
R1
R6 + R5
R6
√ R6
(R6 + R5)
( )
DEVICE
LTC1068
LTC1068-200
LTC1068-50
LTC1068-25
RATIO
100
200
50
25
–
+
Σ
AGND
R1
HP
BP
LP
VIN
1068 F06
+ –
S
1/4 LTC1068
R2
R3
CC
R4
fO =
fCLK
RATIO
R3
R2
√R2R4
R3
(RATIO)(0.32)(R4)
(
)
1
1 –
R3
(RATIO)(0.32)(R4)
(
)
1
1 –
( )
√R2R4
HOHP = –
; HOBP = –
R2
R1
R3
R1
R4
R1
; HOLP = –
; Q = 1.005
DEVICE
LTC1068
LTC1068-200
LTC1068-50
LTC1068-25
RATIO
100
200
50
25
–
+
Σ
AGND
R1
HPN
BP
LP
VIN
1068 F07
+ –
S
R2
R3
CC
R4
fO =
; fn =
fCLK
RATIO
fCLK
RATIO
√ R2R4
1 +
Q = 1.005 R3
R2
( )√ R2
R4
1 +
R3
(RATIO)(0.32)(R4)
(
)
1
1–
R3
(RATIO)(0.32)(R4)
(
)
1
1–
HOHPN = –
(AC GAIN, f >> fO); HOHPN = –
R2
R1
R2
R1
R2
R1
1
R2
R4
1 +
( )
1
R2
R4
1 +
( )
(DC GAIN)
HOBP = – R3
R1
; HOLP = –
DEVICE
LTC1068
LTC1068-200
LTC1068-50
LTC1068-25
RATIO
100
200
50
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com