Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1351 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1351
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351 Datasheet(HTML) 4 Page - Linear Technology

  LT1351 Datasheet HTML 1Page - Linear Technology LT1351 Datasheet HTML 2Page - Linear Technology LT1351 Datasheet HTML 3Page - Linear Technology LT1351 Datasheet HTML 4Page - Linear Technology LT1351 Datasheet HTML 5Page - Linear Technology LT1351 Datasheet HTML 6Page - Linear Technology LT1351 Datasheet HTML 7Page - Linear Technology LT1351 Datasheet HTML 8Page - Linear Technology LT1351 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1540
sn1540 1540fas
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–60
0
0.2
0.5
–20
20
40
1540 G01
0.1
0.4
0.3
–40
0
60
80
100
V + = 5V
V – = GND = 0V
V + = 2V
V – = GND = 0V
V + = 3V
V – = GND = 0V
Supply Current vs Temperature
Reference Voltage
Load Regulation (Source)
OUTPUT SOURCE CURRENT (mA)
0
0
2
5
1
2
1540 G04
1
4
3
3
4
V + = 5V
V – = GND = 0V
TA = 25°C
Comparator Short-Circuit Current
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
120
160
200
8
1540 G07
80
40
100
140
180
60
20
0
2
4
6
19
3
5
7
10
TA = 25°C
OUTPUT
CONNECTED TO
V – = GND = 0V;
SOURCE
CURRENT
OUTPUT
CONNECTED
TO V +; SINK
CURRENT
VREF – VHYST (mV)
0
80
60
40
20
0
–20
–40
–60
–80
40
1540 G09
10
20
30
50
Hysteresis Control
Comparator Output Voltage (Low)
vs Load Current
LOAD CURRENT (mA)
0
0
1.0
2.5
20
40
1540 G06
0.5
2.0
1.5
60
80
10
30
50
70
TA = 25°C
V+ = 5V
V+ = 3V
V+ = 2V
Reference Voltage
Load Regulation (Sink)
OUTPUT SINK CURRENT (µA)
0
0
1
3
4
5
10
7
10
20
25
1540 G03
2
8
9
6
515
30
35
40
V + = 5V
V – = GND = 0V
TA = 25°C
TEMPERATURE (°C)
–60
1.182
1.184
1.186
80
100
1540 G02
1.180
1.178
1.172
–40
020
–20
40
60
1.174
1.176
1.190
1.188
V + = 5V
V – = GND = 0V
Reference Voltage vs Temperature
Comparator Output Voltage (High)
vs Load Current
LOAD CURRENT (mA)
0
0
2
5
20
40
1540 G05
1
4
3
60
80
10
30
50
70
TA = 25°C
V+ = 5V
V+ = 3V
V+ = 2V
Comparator Response Time
vs Input Overdrive
INPUT VOLTAGE (mV)
60
70
80
80
1540 G08
50
40
55
65
75
45
35
30
20
40
60
10
90
30
50
70
100 110
TA = 25°C
V+ = 5V
V – = GND = 0V
tPLH
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com