Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3433 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3433
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3433 Datasheet(HTML) 3 Page - Linear Technology

  LT3433 Datasheet HTML 1Page - Linear Technology LT3433 Datasheet HTML 2Page - Linear Technology LT3433 Datasheet HTML 3Page - Linear Technology LT3433 Datasheet HTML 4Page - Linear Technology LT3433 Datasheet HTML 5Page - Linear Technology LT3433 Datasheet HTML 6Page - Linear Technology LT3433 Datasheet HTML 7Page - Linear Technology LT3433 Datasheet HTML 8Page - Linear Technology LT3433 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3474/LT3474-1
3
3474fd
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LT3474E and LT3474E-1 are guaranteed to meet performance
specifications from 0°C to 70°C. Specifications over the –40°C to 85°C
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 16V, VOUT = 4V unless otherwise noted (Note 3).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage Line Regulation
5V < VIN < 36V
0.01
%/V
Reference Voltage Load Regulation
0 < IREF < 250μA
0.0002
%/μA
VADJ Pin Bias Current (Note 4)
l
20
400
nA
Switching Frequency
RT = 80.6k
l
470
450
500
530
540
kHz
kHz
Maximum Duty Cycle
RT = 80.6k
RT = 10k
RT = 232k
l
90
95
76
98
%
%
%
Foldback Frequency
RT = 80.6k, VOUT = 0V
70
kHz
SHDN Threshold (to Switch)
2.6
2.65
2.7
V
SHDN Pin Current (Note 5)
VSHDN = SHDN Threshold
8.3
10.3
12.3
μA
PWM Threshold
0.4
0.9
1.2
V
VC Switching Threshold
0.8
V
VC Source Current
VC = 1V
100
μA
VC Sink Current
VC = 1V
100
μA
LED to VC Current Gain
1.5
μA/mA
LED to VC Transresistance
1
V/mA
VC to Switch Current Gain
2A/V
VC Clamp Voltage
1.9
V
VC Pin Current in PWM Mode
VC = 1V, VPWM = 0.3V
l
0.01
1
μA
OUT Pin Clamp Voltage (LT3474)
13.2
13.8
14.5
V
OUT Pin Current in PWM Mode
VOUT = 4V, VPWM = 0.3V
l
0.1
10
μA
Switch Current Limit (Note 6)
–40°C to 85°C
LT3474I, LT3474I-1 at 125°C
l
1.6
1.5
2.1
3.2
3.2
A
A
Switch VCESAT
ISW = 1A
380
500
mV
Boost Pin Current
ISW = 1A
30
50
mA
Switch Leakage Current
0.01
1
μA
Minimum Boost Voltage (Note 7)
1.9
2.5
V
Boost Diode Forward Voltage
IDIO = 100mA
600
mV
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LT3474I and LT3474I-1
are guaranteed to meet performance specifications over the –40°C to
125°C operating temperature range.
Note 4: Current flows out of pin.
Note 5: Current flows into pin.
Note 6: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at higher duty cycles.
Note 7: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com