Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTIL113 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTIL113
Description  6-Pin DIP Optoisolators Darlington Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTIL113 Datasheet(HTML) 3 Page - Motorola, Inc

  MTIL113 Datasheet HTML 1Page - Motorola, Inc MTIL113 Datasheet HTML 2Page - Motorola, Inc MTIL113 Datasheet HTML 3Page - Motorola, Inc MTIL113 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MTIL113
3
Motorola Optoelectronics Device Data
Figure 3. Normalized Non–Saturated and Saturated
Collector–Emitter Current versus LED Current
Figure 4. Normalized Collector–Base Photocurrent
versus LED Current
Figure 5. Non–Saturated and Saturated HFE versus
Base Current
Figure 6. Low to High Propagation Delay versus
Collector Load Resistance and LED Current
Figure 7. High to Low Propagation Delay versus
Collector Load Resistance and LED Current
10
100
0.1
IF, LED CURRENT (mA)
10
1.0
0.01
0.001
1.0
0.1
VCE = 5.0 V
VCE = 1.0 V
NORMALIZED TO:
VCE = 5.0 V
IF = 10 mA
TA = 25°C
IB, BASE CURRENT (mA)
0.1
0.01
10,000
6000
4000
2000
0
1.0
10
100
8000
VCE = 5.0 V
VCE = 1.0 V
TA = 25°C
10
100
0.1
IF, LED CURRENT (mA)
10
1.0
0.01
0.001
1.0
NORMALIZED TO:
VCB = 3.5 V
IF = 10 mA
TA = 25°C
0.1
10
0
IF, LED CURRENT (mA)
60
40
20
0
5.0
100
W
1.0 K
W
15
80
TA = 25°C
VCC = 5.0 V
VTH = 1.5 V
470
W
220
W
10
20
0
IF, LED CURRENT (mA)
15
10
5.0
0
5.0
100
W
1.0 K
W
15
20
TA = 25°C
VCC = 5.0 V
VTH = 1.5 V
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com