Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1655CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1655CS8
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1655CS8 Datasheet HTML 4Page - Linear Technology LTC1655CS8 Datasheet HTML 5Page - Linear Technology LTC1655CS8 Datasheet HTML 6Page - Linear Technology LTC1655CS8 Datasheet HTML 7Page - Linear Technology LTC1655CS8 Datasheet HTML 8Page - Linear Technology LTC1655CS8 Datasheet HTML 9Page - Linear Technology LTC1655CS8 Datasheet HTML 10Page - Linear Technology LTC1655CS8 Datasheet HTML 11Page - Linear Technology LTC1655CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1655/LTC1655L
PIN FUNCTIONS
CLK (Pin 1): The TTL Level Input for the Serial Interface
Clock.
DIN (Pin 2): The TTL Level Input for the Serial Interface
Data. Data on the DIN pin is latched into the shift register
on the rising edge of the serial clock and is loaded MSB
first. The LTC1655/LTC1655L requires a 16-bit word.
CS/LD (Pin 3): The TTL Level Input for the Serial Inter-
face Enable and Load Control. When CS/LD is low, the
CLK signal is enabled, so the data can be clocked in.
When CS/LD is pulled high, data is loaded from the shift
register into the DAC register, updating the DAC output.
DOUT (Pin 4): Output of the Shift Register. Becomes valid
on the rising edge of the serial clock and swings from GND
to VCC.
GND (Pin 5): Ground.
REF (Pin 6): Reference. Output of the internal reference is
2.048V (LTC1655), 1.25V (LTC1655L). There is a gain of
two from this pin to the output. The reference can be
overdriven from 2.2V to VCC/2 (LTC1655) and 1.3V to
VCC/2 (LTC1655L). When tied to VCC/2, the output will
swing from GND to VCC. The output can only swing to
within its offset specification of VCC (see Applications
Information).
VOUT (Pin 7): Deglitched Rail-to-Rail Voltage Output. VOUT
clears to 0V on power-up.
VCC (Pin 8): Positive Supply Input. 4.5V ≤ VCC ≤ 5.5V
(LTC1655), 2.7V
≤ VCC ≤ 5.5V (LTC1655L). Requires a
0.1
µF bypass capacitor to ground.
TI I G DIAGRA
D15
MSB
D14
D13
D1
t1
t6
D0
LSB
t2
t4
t3
t 8
CLK
DIN
DOUT
CS/LD
t5
1655/55L TD
D15
PREVIOUS WORD
D14
PREVIOUS WORD
D0
PREVIOUS WORD
D15
CURRENT WORD
D13
PREVIOUS WORD
t9
t7
12
3
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com