Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 2 Page - Linear Technology

  LTC1735 Datasheet HTML 1Page - Linear Technology LTC1735 Datasheet HTML 2Page - Linear Technology LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC1735
1735fc
ABSOLUTE
AXI U
RATI GS
Input Supply Voltage (VIN).........................36V to –0.3V
Topside Driver Supply Voltage (BOOST)....42V to – 0.3V
Switch Voltage (SW) ....................................36V to – 5V
EXTVCC Voltage ...........................................7V to –0.3V
Boosted Driver Voltage (BOOST – SW) .......7V to – 0.3V
SENSE+, SENSE– Voltages .......... 1.1 (INTVCC) to –0.3V
FCB Voltage ............................(INTVCC + 0.3V) to –0.3V
ITH, VOSENSE Voltages ...............................2.7V to –0.3V
RUN/SS, PGOOD (LTC1735F Only)
Voltages .......................................................7V to – 0.3V
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
Peak Driver Output Current <10
µs (TG, BG) .............. 3A
INTVCC Output Current ......................................... 50mA
Operating Ambient Temperature Range
LTC1735C ............................................... 0
°C to 85°C
LTC1735I/LTC1735E (Note 8) ............ – 40
°C to 85°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1735CGN
LTC1735CS
LTC1735IGN
LTC1735IS
LTC1735EGN
TJMAX = 125°C, θJA = 130°C/W (GN)
TJMAX = 125°C, θJA = 110°C/W (S)
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
GN PACKAGE
16-LEAD NARROW
PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
GN PART MARKING
1735
1735I
1735E
Consult LTC marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LTC1735CF
LTC1735IF
TJMAX = 125°C, θJA = 110°C/W
1
2
3
4
5
6
7
8
9
10
TOP VIEW
F PACKAGE
20-LEAD PLASTIC TSSOP
20
19
18
17
16
15
14
13
12
11
NC
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
PGOOD
SENSE–
SENSE+
NC
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
NC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IVOSENSE
Feedback Current
(Note 3)
– 4
– 25
nA
VOSENSE
Feedback Voltage
(Note 3)
q
0.792
0.8
0.808
V
∆VLINEREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 3)
0.001
0.02
%/V
∆VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop; VITH = 0.7V
q
0.1
0.3
%
Measured in Servo Loop; VITH = 2V
q
– 0.1
– 0.3
%
DF Max
Maximum Duty Factor
In Dropout
98
99.4
%
gm
Transconductance Amplifier gm
1.3
mmho
VFCB
Forced Continuous Threshold
q
0.76
0.8
0.84
V
IFCB
Forced Continuous Current
VFCB = 0.85V
– 0.17
– 0.3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com