Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1871 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 3 Page - Linear Technology

  LTC1871 Datasheet HTML 1Page - Linear Technology LTC1871 Datasheet HTML 2Page - Linear Technology LTC1871 Datasheet HTML 3Page - Linear Technology LTC1871 Datasheet HTML 4Page - Linear Technology LTC1871 Datasheet HTML 5Page - Linear Technology LTC1871 Datasheet HTML 6Page - Linear Technology LTC1871 Datasheet HTML 7Page - Linear Technology LTC1871 Datasheet HTML 8Page - Linear Technology LTC1871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC1871
3
1871fe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VINTVCC = 5V, VRUN = 1.5V, RFREQ = 80k, VMODE/SYNC = 0V, unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VIN(MIN)
Minimum Input Voltage
2.5
V
I-Grade or H-Grade (Note 2)
●
2.5
V
IQ
Input Voltage Supply Current
(Note 4)
Continuous Mode
VMODE/SYNC = 5V, VFB = 1.4V, VITH = 0.75V
550
1000
μA
VMODE/SYNC = 5V, VFB = 1.4V, VITH = 0.75V,
I-Grade or H-Grade (Note 2)
●
550
1000
μA
Burst Mode Operation, No Load
VMODE/SYNC = 0V, VITH = 0.2V (Note 5)
250
500
μA
VMODE/SYNC = 0V, VITH = 0.2V (Note 5),
I-Grade or H-Grade (Note 2)
●
250
500
μA
Shutdown Mode
VRUN = 0V
10
20
μA
VRUN = 0V, I-Grade or H-Grade (Note 2)
●
10
20
μA
VRUN+
Rising RUN Input Threshold Voltage
1.348
V
VRUN–
Falling RUN Input Threshold Voltage
●
1.223
1.198
1.248
1.273
1.298
V
V
H-Grade (Note 2)
●
1.179
1.315
V
VRUN(HYST)
RUN Pin Input Threshold Hysteresis
50
100
150
mV
I-Grade (Note 2)
●
35
100
175
mV
H-Grade (Note 2)
●
35
300
mV
IRUN
RUN Input Current
160
nA
VFB
Feedback Voltage
VITH = 0.2V (Note 5)
●
1.218
1.212
1.230
1.242
1.248
V
V
VITH = 0.2V (Note 5), I-Grade or H-Grade (Note 2)
●
1.205
1.255
V
IFB
FB Pin Input Current
VITH = 0.2V (Note 5)
18
60
nA
ΔVFB
ΔVIN
Line Regulation
2.5V ≤ VIN ≤ 30V
0.002
0.02
%/V
2.5V ≤ VIN ≤ 30V, I-Grade or H-Grade (Note 2)
●
0.002
0.02
%/V
ΔVFB
ΔVITH
Load Regulation
VMODE/SYNC = 0V, VITH = 0.5V to 0.9V (Note 5)
●
– 1
–0.1
%
VMODE/SYNC = 0V, VITH = 0.5V to 0.9V (Note 5)
I-Grade or H-Grade (Note 2)
●
– 1
–0.1
%
ΔVFB(OV)
ΔFB Pin, Overvoltage Lockout
VFB(OV) – VFB(NOM) in Percent
2.5
6
10
%
gm
Error Amplifier Transconductance
ITH Pin Load = ±5μA (Note 5)
650
μmho
VITH(BURST)
Burst Mode Operation ITH Pin Voltage
Falling ITH Voltage (Note 5)
0.3
V
VSENSE(MAX)
Maximum Current Sense Input Threshold
Duty Cycle < 20%
120
150
180
mV
Duty Cycle < 20%, I-Grade or H-Grade (Note 2)
●
100
200
mV
ISENSE(ON)
SENSE Pin Current (GATE High)
VSENSE = 0V
35
50
μA
ISENSE(OFF)
SENSE Pin Current (GATE Low)
VSENSE = 30V
0.1
5
μA
Oscillator
fOSC
Oscillator Frequency
RFREQ = 80k
250
300
350
kHz
RFREQ = 80k, I-Grade (Note 2)
●
250
300
350
kHz
RFREQ = 80k, H-Grade (Note 2)
●
240
300
360
kHz
Oscillator Frequency Range
50
1000
kHz
I-Grade or H-Grade (Note 2)
●
50
1000
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com