Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735IF Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1735IF
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735IF Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1735IF Datasheet HTML 21Page - Linear Technology LTC1735IF Datasheet HTML 22Page - Linear Technology LTC1735IF Datasheet HTML 23Page - Linear Technology LTC1735IF Datasheet HTML 24Page - Linear Technology LTC1735IF Datasheet HTML 25Page - Linear Technology LTC1735IF Datasheet HTML 26Page - Linear Technology LTC1735IF Datasheet HTML 27Page - Linear Technology LTC1735IF Datasheet HTML 28Page - Linear Technology LTC1735IF Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
LTC1735
1735fc
APPLICATIO S I FOR ATIO
VIN = 12V
VOUT = 1.5V
1.5V
100mV/DIV
15A
0A
10A/DIV
OUTPUT
VOLTAGE
LOAD
CURRENT
50
µs/DIV
1735 F09
Figure 9. Normal Transient Response (Without R1, R4)
VIN = 12V
VOUT = 1.5V
1.582V
1.5V
1.418V
100mV/DIV
15A
0A
10A/DIV
50
µs/DIV
1735 F10
Figure 10. Transient Response with Active Voltage Positioning
OUTPUT
VOLTAGE
LOAD
CURRENT
Figure 11. Plugging into the Cigarette Lighter
Automotive Considerations: Plugging into the
Cigarette Lighter
As battery-powered devices go mobile, there is a natural
interest in plugging into the cigarette lighter in order to
conserve or even recharge battery packs during operation.
But before you connect, be advised: you are plugging
into the supply from hell. The main power line in an
automobile is the source of a number of nasty potential
transients, including load-dump, reverse-battery and
double-battery.
Load-dump is the result of a loose battery cable. When the
cable breaks connection, the field collapse in the alternator
can cause a positive spike as high as 60V which takes
several hundred milliseconds to decay. Reverse-battery is
just what it says, while double-battery is a consequence of
tow-truck operators finding that a 24V jump start cranks
cold engines faster than 12V.
The network shown in Figure 11 is the most straight
forward approach to protect a DC/DC converter from the
ravages of an automotive power line. The series diode
prevents current from flowing during reverse-battery,
while the transient suppressor clamps the input voltage
during load-dump. Note that the transient suppressor
should not conduct during double-battery operation, but
must still clamp the input voltage below breakdown of the
converter. Although the LTC1735 has a maximum input
voltage of 36V, most applications will be limited to 30V by
the MOSFET BVDSS.
VIN
50A IPK RATING
1735 F11
LTC1735
12V
TRANSIENT VOLTAGE
SUPPRESSOR
GENERAL INSTRUMENT
1.5KA24A
Design Example
As a design example, assume VIN = 12V(nominal),
VIN = 22V(max), VOUT = 1.8V, IMAX = 5A and f = 300kHz.
RSENSE and COSC can immediately be calculated:
RSENSE = 50mV/5A = 0.01Ω
COSC = 1.61(107)/(300kHz) – 11pF = 43pF
Assume a 3.3
µH inductor and check the actual value of the
ripple current. The following equation is used:
∆I
V
fL
V
V
L
OUT
OUT
IN
=


()( )
–
1
The highest value of the ripple current occurs at the
maximum input voltage:
∆I
V
kHz
H
V
V
A
L =
µ


=
18
300
3 3
1
18
22
17
.
(.
)
–
.
.
The maximum ripple current is 33% of maximum output
current, which is about right.
FIGURE 8 CIRCUIT
FIGURE 8 CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com