Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3602EUF Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3602EUF
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602EUF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3602EUF Datasheet HTML 12Page - Linear Technology LTC3602EUF Datasheet HTML 13Page - Linear Technology LTC3602EUF Datasheet HTML 14Page - Linear Technology LTC3602EUF Datasheet HTML 15Page - Linear Technology LTC3602EUF Datasheet HTML 16Page - Linear Technology LTC3602EUF Datasheet HTML 17Page - Linear Technology LTC3602EUF Datasheet HTML 18Page - Linear Technology LTC3602EUF Datasheet HTML 19Page - Linear Technology LTC3602EUF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC3602
17
3602fb
TYPICAL APPLICATIONS
2.5V, 2.5A Regulator, Synchronized to 1.8MHz
CIN
22μF
VIN
10V
VOUT
3.3V
2.5A
3602 TA04
D1
L1
1μH
ROSC
47.5k
RITH
2.94k
R1
105k
RPG
200k
CVCC
1μF
CITH
470pF
SYNC/MODE
PGOOD
RT
ITH
VFB
RUN
TRACK/SS
PGND
INTVCC
PVIN
BOOST
SW
SW
SW
PGND
PGND
LTC3602
R2
475k
COUT
47μF
CBST
0.22μF
PGOOD
L1: VISHAY IHLP1616ABER1R0M01
CIN: TAIYO YUDEN EMK316BJ226ML-T
COUT: MURATA GRM3ICR60J476ME19
CFB
10pF
CIN
22μF
VIN
8.4V
VOUT
2.5V
2.5A
3602 TA05
D1
L1
1μH
ROSC
69.8k
RITH
2.94k
R1
105k
RPG
200k
CVCC
1μF
CITH
470pF
SYNC/MODE
PGOOD
RT
ITH
VFB
RUN
TRACK/SS
PGND
INTVCC
PVIN
BOOST
SW
SW
SW
PGND
PGND
LTC3602
R2
332k
COUT
100μF
CBST
0.22μF
PGOOD
1.8MHz
EXT. CLK
L1: VISHAY IHLP2525CZER1R0M01
CIN: TAIYO YUDEN TMK325BJ226MM-T
COUT: TDK C3225X5ROJ107M
CFB
22pF
3.3V, 2.5A Regulator at 2MHz, Forced Continuous, Small Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com