Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3780 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3780
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3780 Datasheet(HTML) 4 Page - Linear Technology

  LTC3780 Datasheet HTML 1Page - Linear Technology LTC3780 Datasheet HTML 2Page - Linear Technology LTC3780 Datasheet HTML 3Page - Linear Technology LTC3780 Datasheet HTML 4Page - Linear Technology LTC3780 Datasheet HTML 5Page - Linear Technology LTC3780 Datasheet HTML 6Page - Linear Technology LTC3780 Datasheet HTML 7Page - Linear Technology LTC3780 Datasheet HTML 8Page - Linear Technology LTC3780 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC3780
4
3780ff
For more information www.linear.com/LTC3780
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 7) VIN = 15V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DF MAX, Boost
Maximum Duty Factor
% Switch C On
99
%
DF MAX, Buck
Maximum Duty Factor
% Switch A On (in Dropout)
99
%
VRUN(ON)
RUN Pin On Threshold
VRUN Rising
1
1.5
2
V
ISS
Soft-Start Charge Current
VRUN = 2V
0.5
1.2
µA
VSENSE(MAX)
Maximum Current Sense Threshold
Boost: VOSENSE = VREF – 50mV
Buck: VOSENSE = VREF – 50mV
l
l
120
–95
160
–110
185
–150
mV
mV
VSENSE(MIN,BUCK) Minimum Current Sense Threshold
Discontinuous Mode
–6
mV
TG1, TG2 tr
TG Rise Time
CLOAD = 3300pF (Note 5)
50
ns
TG1, TG2 tf
TG Fall Time
CLOAD = 3300pF (Note 5)
45
ns
BG1, BG2 tr
BG Rise Time
CLOAD = 3300pF (Note 5)
45
ns
BG1, BG2 tf
BG Fall Time
CLOAD = 3300pF (Note 5)
55
ns
TG1/BG1 t1D
TG1 Off to BG1 On Delay,
Switch C On Delay
CLOAD = 3300pF Each Driver
80
ns
BG1/TG1 t2D
BG1 Off to TG1 On Delay,
Synchronous Switch D On Delay
CLOAD = 3300pF Each Driver
80
ns
TG2/BG2 t3D
TG2 Off to BG2 On Delay,
Synchronous Switch B On Delay
CLOAD = 3300pF Each Driver
80
ns
BG2/TG2 t4D
BG2 Off to TG2 On Delay,
Switch A On Delay
CLOAD = 3300pF Each Driver
80
ns
Mode
Transition 1
BG1 Off to BG2 On Delay,
Switch A On Delay
CLOAD = 3300pF Each Driver
250
ns
Mode
Transition 2
BG2 Off to BG1 On Delay,
Synchronous Switch D On Delay
CLOAD = 3300pF Each Driver
250
ns
tON(MIN,BOOST)
Minimum On-Time for Main Switch in
Boost Operation
Switch C (Note 6)
200
ns
tON(MIN,BUCK)
Minimum On-Time for Synchronous
Switch in Buck Operation
Switch B (Note 6)
180
ns
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
7V < VIN < 30V, VEXTVCC = 5V
l
5.7
6
6.3
V
∆VLDO(LOADREG)
Internal VCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 5V
0.2
2
%
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, VEXTVCC Rising
l
5.4
5.7
V
∆VEXTVCC(HYS)
EXTVCC Switchover Hysteresis
300
mV
∆VEXTVCC
EXTVCC Switch Drop Voltage
ICC = 20mA, VEXTVCC = 6V
150
300
mV
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR = 1.2V
260
300
330
kHz
fLOW
Lowest Frequency
VPLLFLTR = 0V
170
200
220
kHz
fHIGH
Highest Frequency
VPLLFLTR = 2.4V
340
400
440
kHz
RPLLIN
PLLIN Input Resistance
50
IPLLLPF
Phase Detector Output Current
fPLLIN < fOSC
fPLLIN > fOSC (Note 9)
–15
15
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com