Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3442 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3442 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3442 Datasheet HTML 8Page - Linear Technology LTC3442 Datasheet HTML 9Page - Linear Technology LTC3442 Datasheet HTML 10Page - Linear Technology LTC3442 Datasheet HTML 11Page - Linear Technology LTC3442 Datasheet HTML 12Page - Linear Technology LTC3442 Datasheet HTML 13Page - Linear Technology LTC3442 Datasheet HTML 14Page - Linear Technology LTC3442 Datasheet HTML 15Page - Linear Technology LTC3442 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3532
16
3532fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0308 REV C • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC3440
600mA IOUT, 2MHz, Synchronous Buck-
Boost DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(RANGE): 2.5V to 5.5V, IQ = 25μA, ISD = <1μA, MS10/DFN Package
LTC3441
1.2A IOUT, 1MHz, Synchronous Buck-
Boost DC/DC Converter
VIN: 2.4V to 5.5V, VOUT(RANGE): 2.4V to 5.25V, IQ = 25μA, ISD = <1μA, DFN Package
LTC3442
1.2A IOUT, 2MHz, Synchronous Buck-
Boost DC/DC Converter
VIN: 2.4V to 5.5V, VOUT(RANGE): 2.4V to 5.25V, IQ = 35μA, ISD = <1μA, DFN Package
LTC3443
1.2A IOUT, 600kHz, Synchronous Buck-
Boost DC/DC Converter
VIN: 2.4V to 5.5V, VOUT(RANGE): 2.4V to 5.25V, IQ = 28μA, ISD = <1μA, MS10 Package
LTC3444
500mA IOUT, 1.5MHz, Synchronous
Buck-Boost DC/DC Converter Optimized
for WCDMA
VIN: 2.7V to 5.5V, VOUT(RANGE): 0.5V to 5.25V, ISD = <1μA, 3 × 3 DFN Package
LTC3531/
LTC3531-3.3/
LTC3531-3
200mA IOUT, Synchronous Buck-Boost
DC/DC Converters in SOT-23
VIN: 1.8V to 5.5V, VOUT(RANGE): 2V to 5.25V, IQ = 16μA, ISD = <1μA, SOT-23 and 3 × 3 DFN
Packages
RELATED PARTS
SW1
SW1
VIN
SHDN/SS
BURST
RT
SW2
SW2
VOUT
FB
FB
VC
VC
GND
LTC3532
3532 TA04
R4
28.7k
R3
200k
C1
4.7μF
RT
BURST
L1
2.2μH
VOUT
3.3V
300mA
C3
10μF
C4
68pF
R9
1k
R1
340k
R6
12.1k
C2
220pF
R2
200k
VIN
2.5V TO 4.2V
C5
0.01μF
L1: COILCRAFT LPO6610-222M
Low Profile Li-Ion to 3.3V at 300mA Converter with Automatic Burst Mode Operation
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com