Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3443 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3443
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 4 Page - Linear Technology

  LTC3443 Datasheet HTML 1Page - Linear Technology LTC3443 Datasheet HTML 2Page - Linear Technology LTC3443 Datasheet HTML 3Page - Linear Technology LTC3443 Datasheet HTML 4Page - Linear Technology LTC3443 Datasheet HTML 5Page - Linear Technology LTC3443 Datasheet HTML 6Page - Linear Technology LTC3443 Datasheet HTML 7Page - Linear Technology LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3532
4
3532fc
TEMPERATURE (°C)
VIN = 3.6V
–55
1000
1050
1100
95
3532 G07
950
900
800
–5
45
850
1200
1150
TEMPERATURE (°C)
–55
1.196
1.201
1.211
1.216
1.221
45
1.241
3532 G08
1.206
–5
95
1.226
1.231
1.236
VOUT
200mV/DIV
ILOAD
100mA/DIV
100μs/DIV
COUT = 10μF
VIN = 3.6V
VOUT = 3.3V
3535 G09
Efficiency vs Frequency
Peak Current Clamp and Limit
vs VIN
Automatic Burst Threshold
vs RBURST
Burst Mode to Fixed Frequency
Transition
Switch Pins in Buck-Boost Mode
Switch Pins Before Entering
Boost Mode
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency vs Temperature
Feedback Voltage vs Temperature
Load Transient Response in
Fixed Frequency Mode
TA = 25°C, unless otherwise specified.
FREQUENCY (kHz)
500
80
84
86
88
90
92
94
1000
1500
3532 G04
96
98
100
82
2000
VIN = 3.6V
VOUT = 3.3V
VIN (V)
2.4
0.8
1.0
1.2
5.4
3532 G05
0.6
0.4
0
3.4
4.4
0.2
1.6
1.4
VOUT = 3.3V
ICLAMP
ILIMIT
BURST RESISTOR (kΩ)
150
10
20
30
40
50
60
70
250
350
450
550
3532 G06
LEAVE BURST
ENTER BURST
VOUT = 3.3V
VIN = 3.6V
SW1
2V/DIV
SW2
2V/DIV
40ns/DIV
VIN = 3.3V
VOUT = 3.3V
ILOAD = 100mA
3532 G11
SW1
2V/DIV
SW2
2V/DIV
40ns/DIV
VIN = 2.9V
VOUT = 3.3V
ILOAD = 100mA
3532 G12
VOUT
200mV/DIV
BURST PIN
2V/DIV
400μs/DIV
COUT = 22μF
VIN = 3.6V
VOUT = 3.3V
3532 G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com