Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1701 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1701
Description  1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 1 Page - Linear Technology

  LTC1701 Datasheet HTML 1Page - Linear Technology LTC1701 Datasheet HTML 2Page - Linear Technology LTC1701 Datasheet HTML 3Page - Linear Technology LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
■
High Efficiency: Up to 96%
■
Very Low Quiescent Current: Only 20
µA
During Operation
■
600mA Output Current
■
2.5V to 5.5V Input Voltage Range
■
1.5MHz Constant Frequency Operation
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
0.6V Reference Allows Low Output Voltages
■
Shutdown Mode Draws ≤ 1µA Supply Current
■
Current Mode Operation for Excellent Line and
Load Transient Response
■
Overtemperature Protected
■
Low Profile (1mm) ThinSOT
TM Package
The LTC
®3406 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. The device is available in an adjustable
version and fixed output voltages of 1.5V and 1.8V. Supply
current during operation is only 20µA and drops to ≤1µA
in shutdown. The 2.5V to 5.5V input voltage range makes
the LTC3406 ideally suited for single Li-Ion battery-pow-
ered applications. 100% duty cycle provides low dropout
operation, extending battery life in portable systems.
Automatic Burst Mode
® operation increases efficiency at
light loads, further extending battery life.
Switching frequency is internally set at 1.5MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feed-
back reference voltage. The LTC3406 is available in a low
profile (1mm) ThinSOT package.
■
Cellular Telephones
■ Personal Information Appliances
■ Wireless and DSL Modems
■ Digital Still Cameras
■ MP3 Players
■ Portable Instruments
Figure 1a. High Efficiency Step-Down Converter
1.5MHz, 600mA
Synchronous Step-Down
Regulator in ThinSOT
Figure 1b. Efficiency vs Load Current
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
Protected by U.S. Patents, including 6580258, 5481178.
VIN
CIN**
4.7µF
CER
VIN
2.7V
TO 5.5V
*
**
†
LTC3406-1.8
RUN
3
2.2µH*
3406 F01a
MURATA LQH32CN2R2M33
TAIYO YUDEN JMK212BJ475MG
TAIYO YUDEN JMK316BJ106ML
5
4
1
2
SW
VOUT
GND
COUT†
10µF
CER
VOUT
1.8V
600mA
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
3406 F01b
60
1
85
75
65
VIN = 2.7V
VOUT = 1.8V
VIN = 4.2V
VIN = 3.6V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1701

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
1MHz Step-Down DC/DC Converter in SOT-23
LTC1701 LINER-LTC1701 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
More results

Similar Description - LTC1701

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2_15 Datasheet
238Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com