Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1339 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1339
Description  High Speed Single/Dual N-Channel MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1339 Datasheet HTML 3Page - Linear Technology LT1339 Datasheet HTML 4Page - Linear Technology LT1339 Datasheet HTML 5Page - Linear Technology LT1339 Datasheet HTML 6Page - Linear Technology LT1339 Datasheet HTML 7Page - Linear Technology LT1339 Datasheet HTML 8Page - Linear Technology LT1339 Datasheet HTML 9Page - Linear Technology LT1339 Datasheet HTML 10Page - Linear Technology LT1339 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1693
TEST CIRCUITS
4.7nF
12V
75V
12VP-P
1/2 LTC1693-1 OR 1/2 LTC1693-2
4.7
µF
0.1
µF
1693 TC03
4.7nF
87V
1/2 LTC1693-1 OR 1/2 LTC1693-2
4.7
µF
0.1
µF
75V High Side Switching Test
LTC1693-1, LTC1693-2 Ground Isolation Test
OUT1
VCC1
IN1
1
GND1
OUT2
5
7
8
VCC2
IN2
75V
1693 TC02
GND2
A
2
3
4
6
+
–
TI I G DIAGRA
OUT
IN
5V
tRISE/FALL < 10ns
1nF OR 4.7nF
4.7
µF
0.1
µF
1693 TC01
VCC = 12V
AC Parameter Measurements
VIH
90%
10%
90%
10%
tr
tf
INPUT
NONINVERTING
OUTPUT
INVERTING
OUTPUT
INPUT RISE/FALL TIME < 10ns
VIL
tf
tPLH
tPHL
tPLH
1693 TD
tr
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com