Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8705
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC3780
9
3780ff
For more information www.linear.com/LTC3780
Load Step
Load Step
Load Step
Line Transient
Line Transient
Typical perForMance characTerisTics
VOUT
500mV/DIV
200µs/DIV
VIN = 18V
VOUT = 12V
LOAD STEP: 0A TO 5A
CONTINUOUS MODE
3780 G27
IL
5A/DIV
VOUT
500mV/DIV
200µs/DIV
VIN = 12V
VOUT = 12V
LOAD STEP: 0A TO 5A
CONTINUOUS MODE
3780 G28
IL
5A/DIV
VOUT
500mV/DIV
200µs/DIV
VIN = 6V
VOUT = 12V
LOAD STEP: 0A TO 5A
CONTINUOUS MODE
3780 G29
IL
5A/DIV
VOUT
500mV/DIV
VIN
10V/DIV
500µs/DIV
VOUT = 12V
ILOAD = 1A
VIN STEP: 7V TO 20V
CONTINUOUS MODE
3780 G30
IL
1A/DIV
VOUT
500mV/DIV
VIN
10V/DIV
500µs/DIV
VOUT = 12V
ILOAD = 1A
VIN STEP: 20V TO 7V
CONTINUOUS MODE
3780 G31
IL
1A/DIV
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com