Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1871 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1871
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 2Page - Linear Technology LTC1871 Datasheet HTML 3Page - Linear Technology LTC1871 Datasheet HTML 4Page - Linear Technology LTC1871 Datasheet HTML 5Page - Linear Technology LTC1871 Datasheet HTML 6Page - Linear Technology LTC1871 Datasheet HTML 7Page - Linear Technology LTC1871 Datasheet HTML 8Page - Linear Technology LTC1871 Datasheet HTML 9Page - Linear Technology LTC1871 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4267
6
4267fc
Reference Voltage vs
Temperature
Reference Voltage vs
Supply Voltage
Oscillator Frequency vs
Temperature
Oscillator Frequency vs
Supply Voltage
PVCC Undervoltage Lockout
Thresholds vs Temperature
PVCC Shunt Regulator Voltage vs
Temperature
IPVCC Supply Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
PVCC SUPPLY VOLTAGE (V)
6
799.0
799.2
799.6
799.8
800.0
801.0
800.4
7
8
8.5
4267 G11
799.4
800.6
800.8
800.2
6.5
7.5
9
9.5
TA = 25°C
PVCC ≤ VCLAMP1mA
TEMPERATURE (°C)
–50
–10
30
70
110
4267 G13
–30
10
50
90
PVCC = 8V
(WITH RESPECT TO PGND)
240
230
220
210
200
190
180
PVCC SUPPLY VOLTAGE (V)
6
190
194
198
202
6.5
7
7.5
8
4267 G14
8.5
206
210
192
196
200
204
208
9
TA = 25°C
TEMPERATURE (°C)
–50
5.0
5.5
6.5
7.0
7.5
10.0
8.5
–10
30
50
4267 G16
6.0
9.0
9.5
8.0
–30
10
80
90
110
VTURNON
VTURNOFF
TEMPERATURE (°C)
–50
9.0
9.1
9.3
9.4
9.5
10.0
9.7
–10
30
50
4267 G17
9.2
9.8
9.9
9.6
–30
10
70
90
110
IPVCC = 1mA
TEMPERATURE (°C)
–50
215
220
230
235
240
265
250
–10
30
50
4267 G18
225
255
260
245
–30
10
70
90
110
PVCC = 8V
VITH/RUN = 1.3V
TEMPERATURE (°C)
–50
70
90
4267 G10
–10
10
–30
30
50
110
812
808
804
800
796
792
788
PVCC = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com