Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4057 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4057
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4057 Datasheet(HTML) 2 Page - Linear Technology

  LTC4057 Datasheet HTML 1Page - Linear Technology LTC4057 Datasheet HTML 2Page - Linear Technology LTC4057 Datasheet HTML 3Page - Linear Technology LTC4057 Datasheet HTML 4Page - Linear Technology LTC4057 Datasheet HTML 5Page - Linear Technology LTC4057 Datasheet HTML 6Page - Linear Technology LTC4057 Datasheet HTML 7Page - Linear Technology LTC4057 Datasheet HTML 8Page - Linear Technology LTC4057 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4085
2
4085fd
(Notes 1, 2, 3, 4, 5)
Terminal Voltage
IN, OUT
t < 1ms and Duty Cycle < 1%................... –0.3V to 7V
Steady State ............................................ –0.3V to 6V
BAT, CHRG, HPWR, SUSP, WALL, ACPR ..... –0.3V to 6V
NTC, TIMER, PROG, CLPROG .......–0.3V to (VCC + 0.3V)
Pin Current (Steady State)
IN, OUT, BAT (Note 6) ..............................................2.5A
Operating Temperature Range ................. –40°C to 85°C
Maximum Operating Junction Temperature ...........110°C
Storage Temperature Range .................. –65°C to 125°C
The
l indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VBAT = 3.7V, HPWR = 5V, WALL = 0V, RPROG = 100k,
RCLPROG = 2k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Voltage
IN and OUT
4.35
5.5
V
VBAT
Input Voltage
BAT
4.3
V
IIN
Input Supply Current
IBAT = 0 (Note 7)
Suspend Mode; SUSP = 5V
Suspend Mode; SUSP = 5V, WALL = 5V,
VOUT = 4.8V
l
l
l
0.5
50
60
1.2
100
110
mA
μA
μA
IOUT
Output Supply Current
VOUT = 5V, VIN = 0V, NTC = VNTC
l
0.7
1.4
mA
IBAT
Battery Drain Current
VBAT = 4.3V, Charging Stopped
Suspend Mode; SUSP = 5V
VIN = 0V, BAT Powers OUT, No Load
l
l
l
15
22
60
27
35
100
μA
μA
μA
VUVLO
Input or Output Undervoltage Lockout
VIN Powers Part, Rising Threshold
VOUT Powers Part, Rising Threshold
l
l
3.6
2.75
3.8
2.95
4
3.15
V
V
∆V
UVLO
Input or Output Undervoltage Lockout
VIN Rising – VIN Falling
or VOUT Rising – VOUT Falling
130
mV
Current Limit
ILIM
Current Limit
RCLPROG = 2k (0.1%), HPWR = 5V
RCLPROG = 2k (0.1%), HPWR = 0V
l
l
475
90
500
100
525
110
mA
mA
IIN(MAX)
Maximum Input Current Limit
(Note 8)
2.4
A
RON
ON Resistance VIN to VOUT
IOUT = 100mA Load
215
m
Ω
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BAT
GATE
PROG
CHRG
ACPR
VNTC
NTC
IN
OUT
CLPROG
HPWR
SUSP
TIMER
WALL
TOP VIEW
15
DE PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4085EDE#PBF
LTC4085EDE#TRPBF
4085
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com