Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3413 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3413
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 1 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3602
1
3602fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2.5A, 10V, Monolithic
Synchronous Step-Down
Regulator
The LTC®3602 is a high efficiency, monolithic synchronous,
step-down DC/DC converter utilizing a constant-frequency,
current mode architecture. It operates from an input voltage
range of 4.5V to 10V and provides an adjustable regulated
output voltage from 0.6V to 9.5V while delivering up to
2.5A of output current. The internal synchronous power
switch with 65mΩ on-resistance increases efficiency
and eliminates the need for an external Schottky diode.
The switching frequency can either be set by an external
resistor or synchronized to an external clock. OPTI-LOOP®
compensation allows the transient response to be optimized
over a wide range of loads and output capacitors.
The LTC3602 can be configured for either Burst Mode op-
eration or forced continuous operation. Forced continuous
operation reduces noise and RF interference, while Burst
Mode operation provides the high efficiency at light loads.
In Burst Mode operation, external control of the burst
clamp level allows the output voltage ripple to be adjusted
according to the requirements of the application.
3.3V, 2.5A, 1MHz Step-Down Regulator
n Wide Input Voltage Range: 4.5V to 10V
n 2.5A Output Current
n Low RDS(ON) Internal Switches: 65mΩ and 90mΩ
n Programmable Frequency: 300kHz to 3MHz
n Low Quiescent Current: 75μA
n 0.6V ±1% Reference Allows Low Output Voltage
n 99% Maximum Duty Cycle
n Adjustable Burst Mode® Clamp
n Synchronizable to External Clock
n Power Good Output Voltage Monitor
n Overtemperature Protection
n Available in 16-Lead Exposed TSSOP and
4mm
× 4mm QFN Packages
n Point-of-Load Supplies
n Portable Instruments
n Server Backplane Power
n Battery-Powered Devices
Efficiency and Power Loss vs Load Current
105k
3602 TA01
22μF
100μF
0.22μF
2.2μH
1μF
1nF
RUN
RT
PGOOD
TRACK/SS
ITH
BOOST
SW
PGND
LTC3602
PVIN
INTVCC
SYNC/MODE
VFB
105k
475k
22pF
4.32k
VOUT
3.3V
2.5A
VIN
4.5V TO 10V
, LT, LTC, LTM, Burst Mode and OPTI-LOOP are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
LOAD CURRENT (A)
0.01
80
90
100
0.1
1
10
3602 TA01b
70
75
85
95
65
60
100
1000
10000
10
1
POWER LOSS
EFFICIENCY
VIN = 7V


Similar Part No. - LTC3413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413 Datasheet
259Kb / 16P
Monolithic Synchronous Regulator
LTC3413 LINER-LTC3413 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3413 LINER-LTC3413 Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413 Datasheet
481Kb / 20P
짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
More results

Similar Description - LTC3413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
238Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LTC3602IUF LINER-LTC3602IUF Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602_15 Datasheet
230Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com