Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3418 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3418
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 4 Page - Linear Technology

  LTC3418 Datasheet HTML 1Page - Linear Technology LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3602
4
3602fb
TEMPERATURE (°C)
995
1000
1005
990
985
980
1010
1015
1020
3602 G09
–50
25
75
–25
0
50
100
125
ROSC = 105k
INPUT VOLTAGE (V)
4
300
400
600
79
200
100
56
8
10
0
500
3602 G10
SLEEP
ACTIVE
TEMPERATURE (°C)
300
400
600
200
100
0
500
3602 G11
–50
25
75
–25
0
50
100
125
SLEEP
ACTIVE
INPUT VOLTAGE (V)
4
995
1000
1005
7
9
990
985
980
56
8
1010
1015
1020
3602 G08
ROSC = 105k
TEMPERATURE (°C)
–50
0.6004
0.6006
0.6008
25
75
0.6002
0.6000
–25
0
50
100
125
0.5998
0.5996
VIN = 8.4V
3602 G03
INPUT VOLTAGE (V)
4
80
85
95
79
75
70
56
8
10
65
60
90
3602 G04
BOTTOM
TOP
VBOOST – VSW = INTVCC
TEMPERATURE (°C)
–50
80
100
140
25
75
60
40
–25
0
50
100
125
20
0
120
3602 G05
BOTTOM
TOP
VIN = 8.4V
TYPICAL PERFORMANCE CHARACTERISTICS
VREF vs Temperature
Switch On-Resistance
vs Input Voltage
Switch On-Resistance
vs Temperature
PVIN Leakage Current
vs Input Voltage
Frequency vs ROSC
Frequency vs Input Voltage
Frequency vs Temperature
Quiescent Current
vs Input Voltage
Quiescent Current
vs Temperature
INPUT VOLTAGE (V)
4
5
6
79
4
3
56
8
10
2
0
1
7
3602 G06
VRUN = 0V
ROSC (k)
0
2000
2500
3500
150
250
1500
1000
50
100
200
300
350
500
0
3000
3602 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com