Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4085 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4085
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085 Datasheet(HTML) 4 Page - Linear Technology

  LTC4085 Datasheet HTML 1Page - Linear Technology LTC4085 Datasheet HTML 2Page - Linear Technology LTC4085 Datasheet HTML 3Page - Linear Technology LTC4085 Datasheet HTML 4Page - Linear Technology LTC4085 Datasheet HTML 5Page - Linear Technology LTC4085 Datasheet HTML 6Page - Linear Technology LTC4085 Datasheet HTML 7Page - Linear Technology LTC4085 Datasheet HTML 8Page - Linear Technology LTC4085 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4416/LTC4416-1

4416fa
TYPICAL PERFOR A CE CHARACTERISTICS
VRTO vs Temperature and Supply
Voltage
SUPPLY VOLTAGE (V)
0
20
25
30
35
40
5
10
15
20
4416 G01
25
27
°C
30
35
40
–40
°C
125
°C
SUPPLY VOLTAGE (V)
0
–22
–21
–20
15
25
40
4416 G02
–23
–24
–25
5
10
20
30
35
–40
°C
125
°C
27
°C
TEMPERATURE (
°C)
–50
0.80
0.90
1.00
1.10
1.20
–25
0
25
50
4416 G03
75 100 125 150
NORMALIZED AT
VIN = 3.6V
VIN = 20V
VIN = 36V
VV1 = VV2 = VVS = VVIN
3.6V
≤ VVIN ≤ 36V
Normalized Quiescent Supply
Current vs Temperature
VFR vs Temperature and Supply
Voltage
VGn(ON) vs Temperature and VIN
V1, V2 and VS Pin Leakage vs
Temperature
TEMPERATURE (
°C)
–50
–1.00
–0.75
150
4416 G04
–1.25
–1.50
0
50
100
–0.25
–0.50
IV1: VV2, VVS – VV1 = 28V
IV2: VV1, VVS – VV2 = 28V
IVS: VV1, VV2 – VVS = 28V
TEMPERATURE (
°C)
–50
8.65
8.75
8.95
100
4416 G05
8.55
8.45
0
50
150
8.35
8.25
8.85
VIN = 10V
IGn = 2µA
VV1 = VV2 = VVIN
VVS = VVIN – 200mV
VIN = 36V
TEMPERATURE (
°C)
–50
0.20
0.30
150
4416 G06
0.10
0
0
50
100
0.50
0.40
IGn = 0µA
IGn = –10µA
IGn = –20µA
3.6V
≤ VV1
VV2 ≤ 36V
VVS = VVIN + 200mV
VGn(OFF) vs Temperature and IGn
tG(ON) vs Temperature
tG(OFF) vs Temperature
TEMPERATURE (
°C)
–50
50
75
150
4416 G07
25
0
0
50
100
100
tG(ON) (µs) AT 10V
tG(ON) (µs) AT 36V
CGn = 15nF
VVS = VVIN – 200mV
10V
≤ VV1
VV2 ≤ 36V
TEMPERATURE (
°C)
–50
35
40
45
150
4416 G08
30
25
15
0
50
100
20
55
50
tG(OFF) (µs) AT 10V
tG(OFF) (µs) AT 36V
CGn = 15nF
VVS = VVIN + 200mV
10V
≤ VV1
VV2 ≤ 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com