Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3405 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3405
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3405 Datasheet HTML 8Page - Linear Technology LTC3405 Datasheet HTML 9Page - Linear Technology LTC3405 Datasheet HTML 10Page - Linear Technology LTC3405 Datasheet HTML 11Page - Linear Technology LTC3405 Datasheet HTML 12Page - Linear Technology LTC3405 Datasheet HTML 13Page - Linear Technology LTC3405 Datasheet HTML 14Page - Linear Technology LTC3405 Datasheet HTML 15Page - Linear Technology LTC3405 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC4065/LTC4065A
4065fb
length, however, may add enough series inductance to
require a bypass capacitor of at least 1
µF from BAT to
GND. Furthermore, a 4.7
µF capacitor with a 0.2Ω to 1Ω
series resistor from BAT to GND is required to keep ripple
voltage low when the battery is disconnected.
High value capacitors with very low ESR (especially ce-
ramic) may reduce the constant-voltage loop phase mar-
gin. Ceramic capacitors up to 22
µF may be used in parallel
with a battery, but larger ceramics should be decoupled
with 0.2
Ω to 1Ω of series resistance.
In constant-current mode, the PROG pin is in the feedback
loop, not the battery. Because of the additional pole
created by the PROG pin capacitance, capacitance on this
pin must be kept to a minimum. With no additional
capacitance on the PROG pin, the charger is stable with
program resistor values as high as 25k. However, addi-
tional capacitance on this node reduces the maximum
allowed program resistor. The pole frequency at the PROG
pin should be kept above 100kHz. Therefore, if the PROG
pin is loaded with a capacitance, CPROG, the following
equation should be used to calculate the maximum resis-
tance value for RPROG:
R
C
PROG
PROG
≤
π
1
2105
••
Average, rather than instantaneous, battery current may
be of interest to the user. For example, if a switching power
supply operating in low current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the PROG pin to measure the average
battery current as shown in Figure 4. A 10K resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.
Power Dissipation
The conditions that cause the LTC4065/LTC4065A to
reduce charge current through thermal feedback can be
approximated by considering the power dissipated in the
IC. For high charge currents, the LTC4065/LTC4065A
power dissipation is approximately:
PD = (VCC – VBAT) • IBAT
Where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. It is not necessary to perform any worst-case
power dissipation scenarios because the LTC4065 will
automatically reduce the charge current to maintain the
die temperature at approximately 115
°C. However, the
approximate ambient temperature at which the thermal
feedback begins to protect the IC is:
TA = 115°C – PD • θJA
TA = 115°C – (VCC – VBAT) • IBAT • θJA
Example: Consider an LTC4065/LTC4065A operating from
a 5V wall adapter providing 750mA to a 3.6V Li-Ion
battery. The ambient temperature above which the
LTC4065/LTC4065A will begin to reduce the 750mA charge
current is approximately:
TA = 115°C – (5V – 3.6V) • (750mA) • 60°C/W
TA = 115°C – 1.05W • 60°C/W = 115°C – 63°C
TA = 52°C
The LTC4065/LTC4065A can be used above 70
°C, but the
charge current will be reduced from 750mA. The approxi-
mate current at a given ambient temperature can be
calculated:
I
CT
VV
BAT
A
CC
BAT
JA
=
°
()
115
–
–•
θ
Using the previous example with an ambient temperature
of 73
°C, the charge current will be reduced to approxi-
mately:
I
CC
VV
C W
C
CA
mA
BAT =
°°
() °
=
°
°
=
115
73
53 6
60
42
84
500
–
–.
•
/
/
4065 F04
CFILTER
CHARGE
CURRENT
MONITOR
CIRCUITRY
RPROG
LTC4065
PROG
GND
10k
Figure 4. Isolating Capacitive Load on the PROG Pin and Filtering
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com