Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4354 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4354
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4354 Datasheet(HTML) 5 Page - Linear Technology

  LTC4354 Datasheet HTML 1Page - Linear Technology LTC4354 Datasheet HTML 2Page - Linear Technology LTC4354 Datasheet HTML 3Page - Linear Technology LTC4354 Datasheet HTML 4Page - Linear Technology LTC4354 Datasheet HTML 5Page - Linear Technology LTC4354 Datasheet HTML 6Page - Linear Technology LTC4354 Datasheet HTML 7Page - Linear Technology LTC4354 Datasheet HTML 8Page - Linear Technology LTC4354 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4416/LTC4416-1

4416fa
PI FU CTIO S
H1 (Pin 1): Open-Drain Comparator Output of the E1 Pin.
If E1 > VREF, the H1 pin will go high impedance, otherwise
the pin will be grounded. The maximum voltage permitted
on this pin is 7V. This pin provides support for setting up
hysterisis to an external resistor network.
E1 (Pin 2): LTC4416 Comparator Enable Input. A high
signal greater than VREF will enable the V1 path. The ideal
diode action will then determine if the V1 path should turn
on by controlling any PFET(s) connected to the G1 pin.
If the E1 signal is driven low, the V1 path will perform a
“soft-off” provided the PFET(s) are properly configured
for blocking DC current. An internal current sink will pull
the E1 pin down when the E1 input exceeds 1.5V.
E1 (Pin 2): LTC4416-1 Comparator Enable Input. A high
signal greater than VREF will enable the V1 path. The ideal
diode action will then determine if the V1 path should turn
on by controlling any PFET(s) connected to the G1 pin.
If the E1 signal is driven low, the V1 path will be quickly
disabled by enabling the “fast-off” feature, pulling the G1
gate high. An internal current sink will pull the E1 pin down
when the E1 input exceeds 1.5V.
GND (Pin 3): Ground. This pin provides a power return
path for all the internal circuits.
E2 (Pin 4): LTC4416 Comparator Enable Input. A low
signal less than VREF will enable the V2 path. The ideal
diode action will then determine if the V2 path should turn
on by controlling any PFET(s) connected to the G2 pin.
If the E2 signal is driven high, the V2 path will perform a
“soft-off” provided the PFET(s) are properly configured
for blocking DC current. An internal current sink will pull
the E2 pin down when the E2 input exceeds 1.5V.
E2 (Pin 4): LTC4416-1 Comparator Enable Input. A low
signal less than VREF will enable the V2 path. The ideal
diode action will then determine if the V2 path should turn
on by controlling any PFET(s) connected to the G2 pin.
If the E2 signal is driven high, the V2 path will be quickly
disabled by enabling the “fast-off” feature, pulling the G2
gate high. An internal current sink will pull the E2 pin down
when the E2 input exceeds 1.5V.
H2 (Pin 5): Open-Drain Comparator Output of the E2 Pin.
If E2 > VREF, the H2 pin will go high impedance, otherwise
the pin will be grounded. The maximum voltage permitted
on this pin is 7V. This pin provides support for setting up
hysterisis to an external resistor network.
G2 (Pin 6): Second P-Channel MOSFET Power Switch
Gate Drive Pin. This pin is directed by the second power
controller to maintain a forward regulation voltage (VFR)
of 25mV between the V2 and VS pins when V2 is greater
than VS. When V2 is less than VS, the G2 pin will pull up
to the VS pin voltage, turning off the second P-channel
power switch.
V2 (Pin 7): Second Input Supply Voltage. Supplies power
to the second power controller and the band-gap refer-
ence. V2 is one of the two voltage sense inputs to the
second internal power controller (the other input to the
second internal power controller is the VS pin). This input
is usually supplied power from the second, or backup,
power source. This pin can be bypassed to ground with
a capacitor in the range of 0.1µF to 10µF if needed to
suppress load transients.
VS (Pin 8): Power Sense Input Pin. Supplies power to
the internal circuitry of both the first and second power
controller and the band-gap reference. This pin is also a
voltage sense input to both internal analog controllers
(the other input to the first controller is the V1 pin and
the other input to the second controller is the V2 pin.)
This input may also be supplied power from an auxiliary
source which also supplies current to the load.
V1 (Pin 9): First Input Supply Voltage. Supplies power to
the first power controller and the band-gap reference. V1
is one of the two voltage sense inputs to the first internal
power controller (the other input to the first internal power
controller is the VS pin). This input is usually supplied
power from the first, or primary, power source. This pin
can be bypassed to ground with a capacitor in the range
of 0.1µF to 10µF if needed to suppress load transients.
G1 (Pin 10): First P-Channel MOSFET Power Switch Gate
Drive Pin. This pin is directed by the first power controller
to maintain a forward regulation voltage (VFR) of 25mV
between the V1 and VS pins when V1 is greater than VS.
When V1 is less than VS,theG1pinwillpulluptotheVSpin
voltage, turning off the first P-channel power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com