Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4066 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4066
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4066 Datasheet HTML 10Page - Linear Technology LTC4066 Datasheet HTML 11Page - Linear Technology LTC4066 Datasheet HTML 12Page - Linear Technology LTC4066 Datasheet HTML 13Page - Linear Technology LTC4066 Datasheet HTML 14Page - Linear Technology LTC4066 Datasheet HTML 15Page - Linear Technology LTC4066 Datasheet HTML 16Page - Linear Technology LTC4066 Datasheet HTML 17Page - Linear Technology LTC4066 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4085
14
4085fd
USB Current Limit and Charge Current Control
The current limit and charger control circuits of the
LTC4085 are designed to limit input current as well as
control battery charge current as a function of IOUT. The
programmed current limit, ICL, is defined as:
I
CL =
1000
R
CLPROG
•V
CLPROG
⎛
⎝⎜
⎞
⎠⎟
=
1000V
R
CLPROG
The programmed battery charge current, ICHG,isdefinedas:
I
CHG =
50,000
R
PROG
•V
PROG
⎛
⎝⎜
⎞
⎠⎟
=
50,000V
R
PROG
Input current, IIN, is equal to the sum of the BAT pin output
current and the OUT pin output current:
IIN = IOUT + IBAT
The current limiting circuitry in the LTC4085 can and should
be configured to limit current to 500mA for USB applica-
tions (selectable using the HPWR pin and programmed
using the CLPROG pin).
The LTC4085 reduces battery charge current such that the
sum of the battery charge current and the load current
does not exceed the programmed input current limit (one-
fifth of the programmed input current limit when HPWR
is low, see Figure 2). The battery charge current goes to
zero when load current exceeds the programmed input
current limit (one-fifth of the limit when HPWR is low). If
the load current is greater than the current limit, the output
voltage will drop to just under the battery voltage where
the ideal diode circuit will take over and the excess load
current will be drawn from the battery.
(2a) High Power Mode/Full Charge
RPROG = 100k and RCLPROG = 2k
(2b) Low Power Mode/Full Charge
RPROG = 100k and RCLPROG = 2k
(2c) High Power Mode with
ICL = 500mA and ICHG = 250mA
RPROG = 100k and RCLPROG = 2k
Figure 2: Input and Battery Currents as a Function of Load Current
OPERATION
ILOAD (mA)
0
300
400
600
500
IIN
400
4085 F02a
200
100
–100
0
100
200
300
600
500
ILOAD
IBAT
CHARGING
IBAT
(IDEAL DIODE)
ILOAD (mA)
0
300
400
600
500
IIN
400
4085 F02c
200
100
–100
0
100
200
300
600
500
ILOAD
IBAT
CHARGING
IBAT
(IDEAL DIODE)
IBAT = ICHG
IBAT = ICL – IOUT
ILOAD (mA)
0
60
80
120
100
IIN
80
4085 F02b
40
20
–20
0
20
40
60
120
100
ILOAD
IBAT
CHARGING
IBAT
(IDEAL DIODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com