Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1921 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 13Page - Linear Technology LTC1921 Datasheet HTML 14Page - Linear Technology LTC1921 Datasheet HTML 15Page - Linear Technology LTC1921 Datasheet HTML 16Page - Linear Technology LTC1921 Datasheet HTML 17Page - Linear Technology LTC1921 Datasheet HTML 18Page - Linear Technology LTC1921 Datasheet HTML 19Page - Linear Technology LTC1921 Datasheet HTML 20Page - Linear Technology LTC1921 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC6101/LTC6101HV
17
6101fh
TO μP
6101 TA06
LTC2433-1
LTC6101
ROUT
4.99k
RIN
100Ω
VOUT
VSENSE
ILOAD
4V TO 60V
1μF
5V
L
O
A
D
–
+
–
+
VOUT =
• VSENSE = 49.9VSENSE
ROUT
RIN
ADC FULL-SCALE = 2.5V
21
9
8
7
10
6
3
4
5
VCC
SCK
REF+
REF– GND
IN+
IN–
CC
FO
SDD
V+
V–
OUT
–IN
+IN
16-Bit Resolution Unidirectional Output into LTC2433 ADC
6101 TA07
L
O
A
D
FAULT
OFF ON
15
4.99k
VO
RS
3
4
47k
2
8
6
100Ω
100Ω
1%
10μF
63V
1μF
14V
VLOGIC
SUB85N06-5
VO = 49.9 • RS • IL
FOR RS = 5mΩ,
VO = 2.5V AT IL = 10A (FULL SCALE)
LT1910
LTC6101
IL
V+
V–
OUT
–IN
+IN
Intelligent High-Side Switch with Current Monitor
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com