Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1990 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1990
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 5 Page - Linear Technology

  LT1990 Datasheet HTML 1Page - Linear Technology LT1990 Datasheet HTML 2Page - Linear Technology LT1990 Datasheet HTML 3Page - Linear Technology LT1990 Datasheet HTML 4Page - Linear Technology LT1990 Datasheet HTML 5Page - Linear Technology LT1990 Datasheet HTML 6Page - Linear Technology LT1990 Datasheet HTML 7Page - Linear Technology LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC6101/LTC6101HV
5
6101fh
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage Range
●
5
100
V
VOS
Input Offset Voltage
VSENSE = 5mV, Gain = 100, LTC6101HVA
VSENSE = 5mV, Gain = 100, LTC6101HVAC, LTC6101HVAI
VSENSE = 5mV, Gain = 100, LTC6101HVAH
●
●
±85
±300
±450
±535
μV
μV
μV
VSENSE = 5mV, Gain = 100, LTC6101HVB
●
±150
±450
±810
μV
μV
VSENSE = 5mV, Gain = 100, LTC6101HVC
●
±400
800
1200
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = 5mV, LTC6101HVA
VSENSE = 5mV, LTC6101HVB
VSENSE = 5mV, LTC6101HVC
●
●
●
±1
±3
±5
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
RIN = 1M
●
100
170
245
nA
nA
IOS
Input Offset Current
RIN = 1M
●
±2
±15
nA
VSENSE(MAX) Input Sense Voltage Full Scale
VOS within Specification, RIN = 1k (Note 3)
●
500
mV
PSRR
Power Supply Rejection Ratio
VS = 6V to 100V, VSENSE = 5mV, Gain = 100
●
118
115
140
dB
dB
VS = 5V to 100V, VSENSE = 5mV, Gain = 100
●
110
105
133
dB
dB
VOUT
Maximum Output Voltage
12V ≤ VS ≤ 100V, VSENSE = 88mV
VS = 5V, VSENSE = 330mV, RIN = 1k, ROUT = 10k
●
●
8
3
V
V
VOUT (0)
Minimum Output Voltage
VSENSE = 0V, Gain = 100, LTC6101HVA
VSENSE = 0V, Gain = 100, LTC6101HVAC, LTC6101HVAI
VSENSE = 0V, Gain = 100, LTC6101HVAH
●
●
030
45
53.5
mV
mV
mV
VSENSE = 0V, Gain = 100, LTC6101HVB
●
045
81
mV
mV
VSENSE = 0V, Gain = 100, LTC6101HVC
●
0
150
250
mV
mV
IOUT
Maximum Output Current
5V ≤ VS ≤ 100V, ROUT = 2k, VSENSE = 110mV, Gain = 20
●
1
mA
tr
Input Step Response
(to 2.5V on a 5V Output Step)
ΔVSENSE = 100mV Transient, 6V ≤ VS ≤ 100V, Gain = 50
VS = 5V
1
1.5
μs
μs
BW
Signal Bandwidth
IOUT = 200μA, RIN = 100, ROUT = 5k
IOUT = 1mA, RIN = 100, ROUT = 5k
140
200
kHz
kHz
IS
Supply Current
VS = 5V, IOUT = 0, RIN = 1M
●
200
450
475
μA
μA
VS = 6V, IOUT = 0, RIN = 1M
●
220
475
525
μA
μA
VS = 12V, IOUT = 0, RIN = 1M
●
230
500
590
μA
μA
VS = 60V, IOUT = 0, RIN = 1M
LTC6101HVI, LTC6101HVC
LTC6101HVH
●
●
350
640
690
720
μA
μA
μA
VS = 100V, IOUT = 0, RIN = 1M
LTC6101HVAI, LTC6101HVAC, LTC6101HVBI,
LTC6101HVBC, LTC6101HVCI, LTC6101HVCC
LTC6101HVAH, LTC6101HVBH, LTC6101HVCH
●
●
350
640
690
720
μA
μA
μA
ELECTRICAL CHARACTERISTICS (LTC6101HV) The ● denotes the specifications which apply over the full
specified temperature range, otherwise specifications are at TA = 25°C, RIN = 100Ω, ROUT = 10k, VSENSE+ = V+ (see Figure 1 for
details), 5V ≤ VS ≤ 100V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com