Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST802RT1B Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 26Page - STMicroelectronics ST802RT1B Datasheet HTML 27Page - STMicroelectronics ST802RT1B Datasheet HTML 28Page - STMicroelectronics ST802RT1B Datasheet HTML 29Page - STMicroelectronics ST802RT1B Datasheet HTML 30Page - STMicroelectronics ST802RT1B Datasheet HTML 31Page - STMicroelectronics ST802RT1B Datasheet HTML 32Page - STMicroelectronics ST802RT1B Datasheet HTML 33Page - STMicroelectronics ST802RT1B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
30/58
Doc ID 17049 Rev 1
Table 22.
RN13 [0d19, 0x13]: 100Base-TX control register
Bit
Bit name
Description
Default
RW
Type
Type
15:14
RESERVED
--
00b
RO
P
13
Disable RX err
counter
1 -> RX error counter disabled
0 -> Normal operation
0RW
-
12
Auto Neg Complete
1 -> Auto-negotiation complete
0 -> Auto-negotiation not completed
0RO
-
11:9
RESERVED
--
000b
RW
-
8
Enable DC rest
(Baseline wander)
1 -> Baseline wander enabled (DC restoration enabled)
0 -> Baseline wander disabled
1RW
-
7
Enable NRZI to
NRZ
1 -> nrz<->nrzi conversion enabled
0 -> nrz<->nrzi conversion disabled
1RW
-
6
RESERVED
--
1
RW
-
5
Transmit Isolation
1 -> Isolates MII and TX+/-
0 -> Normal operation
0RW
-
4:2
CMode
000 -> Auto-negotiation running
001 -> 10Base-T half-duplex
010 -> 100Base-TX half-duplex
011 -> Not used
100 -> Not used
101 -> 10Base-T full-duplex
110 -> 100Base-TX full-duplex
111 -> Transmit isolation
000b
RO
-
1
MLT3 Disable
1 -> MLT3 encoder and decoder disabled
0 -> MLT3 encoder and decoder enabled
0RW
-
0
Scrambler /
Descrambler
Disable
1 -> scrambler and descrambler disabled
0 -> scrambler and descrambler enabled
Scrambling-descrambling are always disabled if
operating in FX mode
0RW
-
Table 23.
RN14 [0d20, 0x14]: Receiver mode control register
Bit
Bit name
Description
Default
RW
Type
Type
15:12
RESERVED
--
0000b
RO
P
11
RESERVED
--
0
RW
-
10:8
RESERVED
--
000b
RO
P
7:3
PHY ADDR
Physical address for MDIO management
Strap
RW
-
2
RESERVED
--
0
RO
P
1
Preamble
suppression
1 -> Accepts management frames with preamble
suppressed
0 -> Doesn't accept management frames without
preamble
1RW
-
0
RESERVED
--
0
RO
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com