Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL0204-G-R400F Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # RL0204-G-R400F
Description  1/32W, 01005 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL0204-G-R400F Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  RL0204-G-R400F Datasheet HTML 1Page - Delta Electronics, Inc. RL0204-G-R400F Datasheet HTML 2Page - Delta Electronics, Inc. RL0204-G-R400F Datasheet HTML 3Page - Delta Electronics, Inc. RL0204-G-R400F Datasheet HTML 4Page - Delta Electronics, Inc. RL0204-G-R400F Datasheet HTML 5Page - Delta Electronics, Inc. RL0204-G-R400F Datasheet HTML 6Page - Delta Electronics, Inc. RL0204-G-R400F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRQG0000NH
REVISION
: A0
PAGE
: 1 OF 7
1/32W, 01005 Low Resistance Chip Resistor (Lead / Halogen free)
1. Scope
This specification applies 0.2mm x 0.4mm (01005) size 1/32W, fixed metal film chip resistors
rectangular type for use in electronic equipment.
2. Type Designation
RL 0204
G
□□□□
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) Power rating
G = 1/32W
(3) Resistance value:
For example—
R300 = 0.3
(4) Resistance tolerance:
F=
± 1%
G=
± 2%
J=
± 5%
3. Construction and Physical Dimensions
Figure 1.
Structure (No mark)
Code Letter
Dimensions (mm)
L
0.40
± 0.03
W
0.21
± 0.03
t
0.14
± 0.03
a
0.10
± 0.03
b
0.10
± 0.03
NOTE:
① Resistive element
( under protection film )
② Electrode
③ Protection film
(up side:white color; down side:black color)
④ Substrate
b
L
a
W
a
b
t


Similar Part No. - RL0204-G-R400F

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
RL01-P12S-C4E JAE-RL01-P12S-C4E Datasheet
169Kb / 1P
CONTACT - COPPER ALLOY
RL01-P12S-C5E JAE-RL01-P12S-C5E Datasheet
169Kb / 1P
CONTACT - COPPER ALLOY
RL01-P14S-C4E JAE-RL01-P14S-C4E Datasheet
170Kb / 1P
CONTACT - COPPER ALLOY
RL01-P14S-C5E JAE-RL01-P14S-C5E Datasheet
170Kb / 1P
CONTACT - COPPER ALLOY
RL01-R12PE JAE-RL01-R12PE Datasheet
203Kb / 1P
CONTACT - COPPER ALLOY
More results

Similar Description - RL0204-G-R400F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT0816-C-R050F DELTA-RLT0816-C-R050F Datasheet
98Kb / 9P
1/10W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0816-3-R100F DELTA-RLT0816-3-R100F Datasheet
131Kb / 9P
1/4W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0510-7-R075F DELTA-RLT0510-7-R075F Datasheet
96Kb / 9P
1/6W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
RL0816-4-R010F DELTA-RL0816-4-R010F Datasheet
144Kb / 7P
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Cyntec Co., Ltd.
RR0204S CYNTEC-RR0204S Datasheet
1Mb / 8P
1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
RR0204SE CYNTEC-RR0204SE Datasheet
990Kb / 9P
1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
PFR02S CYNTEC-PFR02S Datasheet
1Mb / 8P
1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com