| Electronic Components Datasheet Search |
|
CRCW2010KFSTA Datasheet(PDF) 6 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW2010KFSTA Datasheet(HTML) 6 Page - Vishay Siliconix |
|
6 / 8 page ![]() Document Number: 20008 For technical questions, contact: thickfilmchip@vishay.com www.vishay.com Revision: 18-Nov-10 123 D/CRCW Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors Vishay TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60082-2 TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( ΔR) STABILITY CLASS 1 OR BETTER STABILITY CLASS 2 OR BETTER Stability for product types: 1 Ω to 10 MΩ 1 Ω to 10 MΩ D/CRCW 4.5 - Resistance - ± 1 % ± 5 % 4.7 - Voltage proof U = 1.4 · Uins; 60 s No flashover or breakdown 4.13 - Short time overload U = 2.5 x ≤ 2 x Umax.; duration: Acc. to style ± (0.25 % R + 0.05 Ω) ± (0.5 % R + 0.05 Ω) 4.17.2 58 (Td) Solderability Solder bath method; Sn60Pb40; non-activated flux; (235 ± 5) °C, (2 ± 0.2) s Good tinning ( ≥ 95 % covered); no visible damage 4.8.4.2 - Temperature coefficient (20/- 55/20) °C and (20/125/20) °C ± 100 ppm/K ± 200 ppm/K 4.32 21 (Uu3) Shear (adhesion) RR 1608 and smaller: 9 N RR 2012 and larger: 45 N No visible damage 4.33 21 (Uu1) Substrate bending Depth 2 mm; 3 times No visible damage, no open circuit in bent position ± (0.25 % R + 0.05 Ω) 4.19 14 (Na) Rapid change of temperature 30 min. at - 55 °C; 30 min. at 125°C 5 cycles 1000 cycles ± (0.25 % R + 0.05 Ω) ± (1 % R + 0.05 Ω) ± (0.5 % R + 0.05 Ω) ± (1 % R + 0.05 Ω) 4.23 - Climatic sequence: - ± (1 % R + 0.05 Ω)± (2 % R + 0.1 Ω) 4.23.2 2 (Ba) Dry heat 125 °C; 16 h 4.23.3 30 (Db) Damp heat, cyclic 55 °C; ≥ 90 % RH; 24 h; 1 cycle 4.23.4 1 (Aa) Cold - 55 °C; 2 h 4.23.5 13 (M) Low air pressure 1 kPa; (25 ± 10) °C; 1 h 4.23.6 30 (Db) Damp heat, cyclic 55 °C; ≥ 90 % RH; 24 h; 5 cycles 4.23.7 - DC load U = 4.25.1 - Endurance at 70 °C U = √(P70 x R) ≤ Umax. 1.5 h on; 0.5 h off; 70 °C; 1000 h 70 °C; 8000 h ± (1 % R + 0.05 Ω) ± (2 % R + 0.1 Ω) ± (2 % R + 0.1 Ω) ± (4 % R + 0.1 Ω) 4.18.2 58 (Td) Resistance to soldering heat Solder bath method (260 ± 5) °C; (10 ± 1) s ± (0.25 % R + 0.05 Ω) ± (0.5 % R + 0.05 Ω) 4.35 - Flamability, needle flame test IEC 60695-11-5; 10 s No burning after 30 s 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; (93 ± 3) % RH; 56 days ± (1 % R + 0.05 Ω) 4.25.3 - Endurance at upper category temperature 155 °C; 1000 h ± (1 % R + 0.05 Ω)± (2 % R + 0.1 Ω) 4.40 - Electrostatic discharge (human body model) IEC 61340-3-1; 3 pos. + 3 neg. discharges; ESD test voltage acc. to size ± (1 % R + 0.05 Ω) 4.29 45 (XA) Component solvent resistance Isopropyl alcohol; 50 °C; method 2 No visible damage 4.30 45 (XA) Solvent resistance of marking Isopropyl alcohol; 50 °C; method 1, toothbrush Marking legible, no visible damage P 70 x R P 70 x R |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |