Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3041DS-PB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P3041DS-PB
Description  P3041 Development System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P3041DS-PB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P3041DS-PB Datasheet HTML 1Page - Freescale Semiconductor, Inc P3041DS-PB Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo and QorIQ are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off.
The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks are trademarks
and service marks licensed by Power.org. All other product or service names are the property of their respective owners.
© 2011 Freescale Semiconductor, Inc.
Document Number: P3041DSFS / REV 0
For more information, visit freescale.com/QorIQ
P3041DS Board Features
Processor
• P3041,1.5GHzcorewith1333MHz
DDR3 data rate
• MultipleSysClkinputsforgenerating
various device frequencies
Memory
• 2GBunbufferedDDR3240-pinµDIMM
module with ECC (72-bit bus), 1333 MHz
data rate
• 128MBNORflash
• 1GBNANDflash
• SPI-based128MBflash
• SPI-based128KBEEPROM
• SDconnectortointerfacewithanSD
memory card
PCI Express
• Sixx4PCIExpressslots
• CansupportFreescale’sXAUI-RISERand
SGMII-PEX-RISER option cards
SATA
• TwoverticalSATAconnectors
USB 2.0
• TwoHigh-SpeedUSBcontrollers
• OneTypeAandoneMicroABreceptacle
Ethernet
• Supportstwo10/100/1000portswithno
add-in cards
• dTSEC4anddTSEC5asRGMIItoVitesse
VSC8244PHY
• OptionalSGMII-PEX-RISERexpands
10/100/1000 port count to five
• 10GEsupportedwithoptionalXAUI-
RISER card
DUART
• TwoDUARTs
Debug
• JTAG/COP
• Aurorahigh-speedconnector
Other
• IEEE® 1588 connector for Symmetricom
option card
• Temperaturesensor
• Eightgeneral-purposeI/Os
Freescale Technology
P3041DS
x2
x2
I2C
DDR3
JTAG
P3041
Bank1 0, 1
Bank1 2, 3
Bank1 4, 5
Bank1 6, 7
Bank1 8
Bank3 14, 15
Bank3 16, 17
Bank1 9
Bank2 10, 11,
12, 13
COP Legacy Connection
Flash/RCW, RTC/PWR Center/
Thermometer Monitor
Control
Set Secondary PSes
DDR3 Regulator 1.5v/1.35v
ATX PS
PromJet Emulator
NOR Flash
NAND Flash
Board
Control:
Switches,
RST Center
System
Control
Logic
FPGA
Three Power Pools Supported by Three
Independent, Programmable Regulations
VDD_CA
VDD_CB
Platform Serdes
Regulators
x2
x2
x2
x1
x4
DUART
SYS/PEX Clocks
Slot 1
SGMIII (1:4) or XAUI #1 or SGMII #5
SATA 1/2
Slot 7
Slot 4
Slot 6
Slot 5
Slot 3
Slot 2
SPI
16-bit
8-bit
Local Bus 16/8-bit
16-bit
8-bit
MMC
USB x2
USB 2.0
SPI Flash
4/8-bit SD/MMC
10/100/1G RGMII
x2
x2
2
3
DDR3
µDIMM
PCIe #1 x2/x4/x8 or SRIO2 x4
PCIe #4 x1 or PCIe #2 x1
PCIe #3 x1/x4 or SGMII [1:4] or XAUI #1
Aurora
PCIe #2 x2/x4 or SRIO1 x4 or SRIO2 x2
or SGMII [1:2] or SGMII [1:4]
SRIO1 x2 or SGMII [3:4]
PCIe #3 x2
P3041DS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com