Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1220-4S-R010J Datasheet(PDF) 5 Page - DAESAN ELECTRONIC CORP.

Part # RL1220-4S-R010J
Description  1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1220-4S-R010J Datasheet(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  RL1220-4S-R010J Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1220-4S-R010J Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1220-4S-R010J Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1220-4S-R010J Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1220-4S-R010J Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1220-4S-R010J Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1220-4S-R010J Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1220-4S-R010J Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PAGE
5
OF
8
TITLE :
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
Delta Electronics, Inc.
DOCUMENT
NO.
SR340000NH
PAGE
REV.
A0
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
UNLESS OTHERWISE SPECIFIED TOLERANCES ON ﹕
X
= ±
X.X
= ±
X.XX
= ±
ANGLES ±
HOLE DIA. ±
SCALE :
UNIT :
The Engineering Spec. For 1/2W 1220
Low Resistance Chip Resistor
Unit : mm
100
a
f
b
4.5
Land
Solder resist
Mounting Method
(1) Mounting method according to solder bath method
Epoxy based adhesive agent shall be applied in the middle of two lands of the test board.
The specimen shall be mounted in such a way that the electrode of specimen will be evenly
placed in the land area and then adhesive agent shall be cured.
After applying the Resin Flux with 25 weight % Methyl Alcohol, the board shall be soldered by
dipping into a molten solder bath with 260
± 5℃ for 3 to 5 seconds
(2) Mounting method according to refolw soldering method
Solder paste with approximate 200
µm thickness shall be applied to the land of test board.
The specimen shall be mounted in such way that the electrodes of specimen will be evenly placed
in the land area and then shall be soldered under the circumstance that the surface temperature of
the board shall be raised 240
± 5℃(peak temperature) for 5 to 10 seconds in an upper-heater
oven.
Test Board
Material : Glass Fabric Epoxy Resin (Refer to JIS C 6484)
Board thickness : 1.6mm
Copper foil thickness : 0.035mm
(1) Test board A (For substrate bending test)
a
b
c
f
1.2
4.0
1.65
(3.0)



Html Pages

1 2 3 4 5 6 7 8