Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR62 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AR62
Description  Causes severe burns.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR62 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AR62 Datasheet HTML 1Page - List of Unclassifed Manufacturers AR62 Datasheet HTML 2Page - List of Unclassifed Manufacturers AR62 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
9.
Physical and chernical properties
tested in accordance with
Form:
liquid
Colour :
clear
Odour;
none reported
Melting point:
32 deg F
Boiling point:
212 deg F
Density :
1
Vapour pressure:
14 mm Hg
Viscosity:
> 1 (ether =1)
Solubility in water :
Soluble
pH value :
Alkaline
Flash point :
not applicable
ignition temperature:
not applicable
Explosive limits ;
not applicable
10.
Stability and reactivity
Thermal decomposition:
not applicable
Hazardous decomposition products:
Toxic fumes of sodium oxide.
Hazardous reactions;
Reacts violently with water, acids and base metals e.g.: aluminiuim, magnesium,
zinc (hydrogen formation).
Further information: hygroscopic
11.
Toxicological information
Effect on the eyes: severely corrosive
Effect on the skin: severely corrosive
12.
Ecological information
No information available
13
Disposal consideration
Examine possibilïties for re-utilisation.
Must be given special treatment on consultation with the manufacturer.
European Waste Catalogue (EWC) code : 060299
14.
Transport information
GGVSee/MDG Code:
8
UN No.: 1824
MFAG : 705
EmS: 8
06
PG :
II
MPO : NO
GGVE/GGVS : Class 8
No. 42B
RID/ADR:
Class 8 No. 91B
N°. 42B
Warning sign: Hazard n°.
080 Substance no. 1824
ADNR : class 8
N° 42B Cat – ICAO/IATA-DGR: 8
1824
II
Limited quantity regulation applicable in accordance with a-marginal
number GGVE/RID/GGVS/ADR/ADNR in compliance with threshold value
Declaration for land shipment:
1824, Sodium hydroxide solution
Declaration for sea shipment:
Sodium hydroxide solution
Declaration for shipment by air:
Sodium hydroxide solution
Other information:
Corrosive. Keep separated from foodstuffs.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com