Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548ECHXATJB Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATJB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATJB Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATJB Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8548ECHXATJB Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
145
Ordering Information
23 Ordering Information
Ordering information for the parts fully covered by this specification document is provided in
Section 23.1, “Part Numbers Fully Addressed by this Document.”
23.1
Part Numbers Fully Addressed by this Document
This table provides the Freescale part numbering nomenclature for the device. Note that the individual part
numbers correspond to a maximum processor core frequency. For available frequencies, contact your local
Freescale sales office. In addition to the processor frequency, the part-numbering scheme also includes an
application modifier that may specify special application conditions. Each part number also contains a
revision code that refers to the die mask revision number.
Table 87. Part Numbering Nomenclature
MPC
nnnnn
t
pp
ff
c
r
Product
Code
Part
Identifier
Temperature
Package1, 2, 3
Processor
Frequency4
Core
Frequency
Silicon Version
MPC
8548E
Blank = 0 to 105
C
C = –40
 to 105C
HX = CBGA
VU = Pb-free CBGA
PX = PBGA
VT = Pb-free PBGA
AV = 15003
AU = 1333
AT = 1200
AQ = 1000
J = 533
H = 5005
G = 400
Blank = Ver. 2.0
(SVR = 0x80390020)
A = Ver. 2.1.1
B = Ver. 2.1.2
C = Ver. 2.1.3
(SVR = 0x80390021)
D = Ver. 3.1.x
(SVR = 0x80390031)
8548
Blank = Ver. 2.0
(SVR = 0x80310020)
A = Ver. 2.1.1
B = Ver. 2.1.2
C = Ver. 2.1.3
(SVR = 0x80310021)
D = Ver. 3.1.x
(SVR = 0x80310031)
8547E
AU = 1333
AT = 1200
AQ = 1000
J = 533
G = 400
Blank = Ver. 2.0
(SVR = 0x80390120)
A = Ver. 2.1.1
B = Ver. 2.1.2
C = Ver. 2.1.3
(SVR = 0x80390121)
D = Ver. 3.1.x
(SVR = 0x80390131)
8547
Blank = Ver. 2.0
(SVR = 0x80390120)
A = Ver. 2.1.1
B = Ver. 2.1.2
C = Ver. 2.1.3
(SVR = 0x80310121)
D = Ver. 3.1.x
(SVR = 0x80310131)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com