Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548ECPXATHB Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MPC8548ECPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATHB Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATHB Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
134
Freescale Semiconductor
Thermal
21 Thermal
This section describes the thermal specifications of the device.
21.1
Thermal for Version 2.0 Silicon HiCTE FC-CBGA with Full Lid
This section describes the thermal specifications for the HiCTE FC-CBGA package for revision 2.0
silicon.
This table shows the package thermal characteristics.
21.2
Thermal for Version 2.1.1, 2.1.2, and 2.1.3 Silicon FC-PBGA with
Full Lid and Version 3.1.x Silicon with Stamped Lid
This section describes the thermal specifications for the FC-PBGA package for revision 2.1.1, 2.1.2, and
3.0 silicon.
This table shows the package thermal characteristics.
Table 84. Package Thermal Characteristics for HiCTE FC-CBGA
Characteristic
JEDEC Board
Symbol
Value
Unit
Notes
Die junction-to-ambient (natural convection)
Single-layer board (1s)
RJA
17
°C/W
1, 2
Die junction-to-ambient (natural convection)
Four-layer board (2s2p)
RJA
12
°C/W
1, 2
Die junction-to-ambient (200 ft/min)
Single-layer board (1s)
RJA
11
°C/W
1, 2
Die junction-to-ambient (200 ft/min)
Four-layer board (2s2p)
RJA
8°C/W
1, 2
Die junction-to-board
N/A
RJB
3°C/W3
Die junction-to-case
N/A
RJC
0.8
°C/W
4
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1). The cold plate temperature is used for the case temperature, measured value includes the thermal resistance of the
interface layer.
Table 85. Package Thermal Characteristics for FC-PBGA
Characteristic
JEDEC Board
Symbol
Value
Unit
Notes
Die junction-to-ambient (natural convection)
Single-layer board (1s)
RJA
18
°C/W
1, 2
Die junction-to-ambient (natural convection)
Four-layer board (2s2p)
RJA
13
°C/W
1, 2
Die junction-to-ambient (200 ft/min)
Single-layer board (1s)
RJA
13
°C/W
1, 2
Die junction-to-ambient (200 ft/min)
Four-layer board (2s2p)
RJA
9°C/W
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com