Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8351ARM-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8351ARM-R2
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARM-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8351ARM-R2 Datasheet HTML 2Page - Analog Devices AD8351ARM-R2 Datasheet HTML 3Page - Analog Devices AD8351ARM-R2 Datasheet HTML 4Page - Analog Devices AD8351ARM-R2 Datasheet HTML 5Page - Analog Devices AD8351ARM-R2 Datasheet HTML 6Page - Analog Devices AD8351ARM-R2 Datasheet HTML 7Page - Analog Devices AD8351ARM-R2 Datasheet HTML 8Page - Analog Devices AD8351ARM-R2 Datasheet HTML 9Page - Analog Devices AD8351ARM-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD8351
FREQUENCY (MHz)
0
250
–70
–90
–60
–80
–50
–40
–30
25
50
75
100
125
150
175
200
225
–100
–45
–55
–65
–75
–85
–95
–105
–115
HD2
HD3
HD3
HD2
DIFFERENTIAL INPUT
TPC 7. Harmonic Distortion vs. Frequency for 2 V p-p
into RL = 1 k
Ω (AV = 10 dB, at 3 V and 5 V Supplies)
FREQUENCY (MHz)
0
250
–40
–60
–30
–50
–20
–10
0
25
50
75
100
125
150
175
200
225
–70
–20
–30
–40
–50
–60
–70
–80
–90
–80
–90
–100
–110
HD3
HD2
HD2
HD3
DIFFERENTIAL INPUT
TPC 8. Harmonic Distortion vs. Frequency for 2 V p-p into
RL = 150
Ω (AV = 10 dB, at 3 V and 5 V Supplies)
FREQUENCY (MHz)
0
250
2.80
2.70
2.85
2.75
2.90
2.95
3.00
50
100
150
200
2.65
2.60
2.55
2.50
TPC 9. Noise Spectral Density (RTI) vs. Frequency
(RL = 150
Ω, 5 V Supply, AV = 10 dB)
FREQUENCY (MHz)
0
100
–70
–80
–65
–75
–60
–55
–50
10
40
60
80
–85
–90
–95
–100
20
30
50
70
90
HD3
HD3
HD2
SINGLE-ENDED INPUT
TPC 10. Harmonic Distortion vs. Frequency for 2 V p-p
into RL = 1 k
Ω Using Single-Ended Input (AV = 10 dB)
FREQUENCY (MHz)
0
100
–70
–80
–65
–75
–60
–55
–50
10
40
60
80
–85
–90
–95
–100
20
30
50
70
90
HD2
HD3
SINGLE-ENDED INPUT
TPC 11. Harmonic Distortion vs. Frequency for 2 V p-p
into RL = 150
Ω Using Single-Ended Input (AV = 10 dB)
FREQUENCY (MHz)
0
250
2.80
2.70
2.85
2.75
2.90
2.95
3.00
50
100
150
200
2.65
2.60
2.55
2.50
TPC 12. Noise Spectral Density (RTI) vs. Frequency
(RL = 150
Ω, 3 V Supply, AV = 10 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com