Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8381-EB Datasheet(PDF) 2 Page - Analog Devices

Part # AD8381-EB
Description  Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381-EB Datasheet(HTML) 2 Page - Analog Devices

  AD8381-EB Datasheet HTML 1Page - Analog Devices AD8381-EB Datasheet HTML 2Page - Analog Devices AD8381-EB Datasheet HTML 3Page - Analog Devices AD8381-EB Datasheet HTML 4Page - Analog Devices AD8381-EB Datasheet HTML 5Page - Analog Devices AD8381-EB Datasheet HTML 6Page - Analog Devices AD8381-EB Datasheet HTML 7Page - Analog Devices AD8381-EB Datasheet HTML 8Page - Analog Devices AD8381-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD8381–SPECIFICATIONS
(@ 25 C, AVCC = 15.5 V, DVCC = 3.3 V, VREFLO = VMID = 7 V, VREFHI = 9.5 V,
TMIN = 0 C, TMAX = 85 C, unless otherwise noted.)
Model
Conditions
Min
Typ
Max
Unit
VIDEO DC PERFORMANCE
1
TMIN to TMAX
VDE
DAC Code 450 to 800
–7.5
+1.0
+7.5
mV
VCME
DAC Code 450 to 800
–3.5
+0.5
+3.5
mV
REFERENCE INPUTS
(VREFHI – VREFLO) = 2.5 V
VMID Range
2
6.25
9.25
V
VMID Bias Current
35
77
mA
VREFHI
VREFLO
AVCC
V
VREFLO
VMID – 0.5
VREFHI
V
VREFHI Input Resistance
to VREFLO
20
k
W
VREFLO Bias Current
0.01
0.07
mA
VREFHI Input Current
125
165
mA
VFS Range
3
0
5.75
V
RESOLUTION
Coding
Binary
10
Bits
DIGITAL INPUT CHARACTERISTICS
CLK Rise and Fall Time = 5 ns
Input Data Update Rate
NRZ
100
Ms/s
CLK to Data Setup Time: t1
0ns
CLK to STSQ Setup Time: t3
0ns
CLK to XFR Setup Time: t5
0ns
CLK to Data Hold Time: t2
5ns
CLK to STSQ Hold Time: t4
5ns
CLK to XFR Hold Time: t6
5ns
tCLK HIGH
E/O = HIGH
4.5
ns
tCLK LOW
3.5
ns
CIN
3pF
IIH
0.6
0.7
mA
IIL
0.05
0.16
mA
VIH
2.0
V
VIL
0.8
V
VTH
Threshold Voltage
1.4
V
VIDEO OUTPUT CHARACTERISTICS
Output Voltage Swing
AVCC – VOH, VOL – AGND
1
1.3
V
CLK to VID Delay
4: t
7
50% of VIDx
13.5
15.5
17.5
ns
INV to VID Delay
50% of VIDx
12
14
16
ns
Output Current
30
75
mA
Output Resistance
29
W
VIDEO OUTPUT DYNAMIC PERFORMANCE
TMIN to TMAX, VO = 5 V Step, CL = 150 pF
Data Switching Slew Rate
265
V/
ms
Invert Switching Slew Rate
410
V/
ms
Data Switching Settling Time to 1%
27
32
ns
Data Switching Settling Time to 0.25%
50
75
ns
Invert Switching Settling Time to 1%
33
40
ns
Invert Switching Settling Time to 0.25%
55
100
ns
CLK and Data Feedthrough
5
5
mV p-p
All-Hostile Crosstalk
6
Amplitude
50
mV p-p
Glitch Duration
45
ns
POWER SUPPLY
Supply Rejection (VDE)
AVCCx = +15.5 V
± 1 V
0.6
mV/V
DVCC, Operating Range
3
5.5
V
DVCC, Quiescent Current
18
25
mA
AVCC, Operating Range
918
V
Total AVCC Quiescent Current
33
40
mA
STBY AVCC Current
STBY = H
1.8
3
mA
STBY DVCC Current
STBY = H
0.03
0.1
mA
OPERATING TEMPERATURE RANGE
0
85
∞C
NOTES
1VDE = Differential error voltage. VCME = Common-mode error voltage. See the Theory of Operation section.
2See Figure 6 in Theory of Operation section.
3VFS = 2
¥ (VREFHI – VREFLO). See the Theory of Operation section.
4Measured from 50% of falling CLK edge to 50% of output change. Measurement is made for both states of INV.
5Measured on one output as CLK is driven and STSQ and XFR are held low.
6Measured on one output as the other five are changing from 0x000 to 0x3FF for both states of INV.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com