Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9752ARUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9752ARUZ
Description  12-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9752ARUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9752ARUZ Datasheet HTML 4Page - Analog Devices AD9752ARUZ Datasheet HTML 5Page - Analog Devices AD9752ARUZ Datasheet HTML 6Page - Analog Devices AD9752ARUZ Datasheet HTML 7Page - Analog Devices AD9752ARUZ Datasheet HTML 8Page - Analog Devices AD9752ARUZ Datasheet HTML 9Page - Analog Devices AD9752ARUZ Datasheet HTML 10Page - Analog Devices AD9752ARUZ Datasheet HTML 11Page - Analog Devices AD9752ARUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
REV. 0
AD9752
–8–
CODE
0
4000
1000
2000
3000
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
Figure 12. Typical INL
fOUT – MHz
0
60
10
20
30
0
–10
–20
–30
–40
–100
–50
–60
–70
–80
–90
40
50
fCLK = 125MSPS
fOUT1 = 13.5MHz
fOUT2 = 14.5MHz
AOUT = 0dBFS
SFDR = 68.4dBc
Figure 15. Dual-Tone SFDR
CODE
0
4000
1000
2000
3000
0.1
0.0
–0.1
–0.2
–0.3
–0.5
–0.4
Figure 13. Typical DNL
0
30.0
5.0
10.0
15.0
0
–10
–20
–30
–40
–100
–50
–60
–70
–80
–90
20.0
25.0
fCLK = 65MSPS
fOUT1 = 6.25MHz
fOUT2 = 6.75MHz
fOUT3 = 7.25MHz
fOUT4 = 7.75MHz
SFDR = 69dBc
AMPLITUDE = 0dBFS
fOUT – MHz
Figure 16. Four-Tone SFDR
TEMPERATURE – C
–55
95
–30
–5
20
90
70
80
50
60
45
70
fOUT = 4MHz
fOUT = 10MHz
fOUT = 29MHz
fOUT = 40MHz
Figure 14. SFDR vs. Temperature @
125 MSPS, 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com