Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9859/PCBZ1 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9859/PCBZ1
Description  400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859/PCBZ1 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9859/PCBZ1 Datasheet HTML 16Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 17Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 18Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 19Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 20Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 21Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 22Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 23Page - Analog Devices AD9859/PCBZ1 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD9859
Rev. A | Page 24 of 24
OUTLINE DIMENSIONS
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MS-026-ABC
0.50 BSC
LEAD PITCH
0.27
0.22
0.17
9.00
BSC SQ
7.00
BSC SQ
37
37
48
48
1
13
12
1
12
24
13
24
25
36
25
36
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
3.5°
0.15
0.05
0.75
0.60
0.45
1.20
MAX
VIEW A
TOP VIEW
(PINS DOWN)
BOTTOM VIEW
(PINS UP)
PIN 1
3.50
SQ
EXPOSED
PAD
Figure 28. 48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-48-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Ordering
Quantity
Package
Option
AD9859YSV
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-48-4
AD9859YSV-REEL7
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
500
SV-48-4
AD9859YSVZ1
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-48-4
AD9859YSVZ-REEL71
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
500
SV-48-4
AD9859/PCBZ1
Evaluation Board
1 Z = RoHS Compliant Part.
©2004–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03375-0-5/09(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com