Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9863-50EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9863-50EBZ
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863-50EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9863-50EBZ Datasheet HTML 1Page - Analog Devices AD9863-50EBZ Datasheet HTML 2Page - Analog Devices AD9863-50EBZ Datasheet HTML 3Page - Analog Devices AD9863-50EBZ Datasheet HTML 4Page - Analog Devices AD9863-50EBZ Datasheet HTML 5Page - Analog Devices AD9863-50EBZ Datasheet HTML 6Page - Analog Devices AD9863-50EBZ Datasheet HTML 7Page - Analog Devices AD9863-50EBZ Datasheet HTML 8Page - Analog Devices AD9863-50EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Mixed-Signal Front-End (MxFE™) Baseband
Transceiver for Broadband Applications
AD9863
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Receive path includes dual 12-bit, 50 MSPS analog-to-digital
converters with internal or external reference
Transmit path includes dual 12-bit, 200 MSPS digital-to-
analog converters with 1×, 2×, or 4× interpolation and
programmable gain control
Internal clock distribution block includes a programmable
phase-locked loop and timing generation circuitry,
allowing single-reference clock operation
24-pin flexible I/O data interface allows various interleaved
or noninterleaved data transfers in half-duplex mode and
interleaved data transfers in full-duplex mode
Configurable through register programmability or
optionally limited programmability through mode pins
Independent Rx and Tx power-down control pins
64-lead LFCSP package (9 mm × 9 mm footprint)
APPLICATIONS
Broadband access
Broadband LAN
Communications (modems)
FUNCTIONAL BLOCK DIAGRAM
DATA
MUX
AND
LATCH
DATA
LATCH
AND
DEMUX
I/O
INTERFACE
CONFIGURATION
BLOCK
AD9863
I/O
INTERFACE
CONTROL
FLEXIBLE
I/O BUS
[0:23]
Rx DATA
Tx DATA
ADC
VIN+A
VIN–A
ADC
VIN+B
VIN–B
LOW-PASS
INTERPOLATION
FILTER
DAC
IOUT+A
IOUT–A
DAC
IOUT+B
IOUT–B
CLKIN1
ADC CLOCK
DAC CLOCK
PLL
CLKIN2
CLOCK
GENERATION
BLOCK
Figure 1.
GENERAL DESCRIPTION
The AD9863 is a member of the MxFE family—a group of
integrated converters for the communications market. The
AD9863 integrates dual 12-bit analog-to-digital converters
(ADC) and dual 12-bit digital-to-analog converters (TxDAC®).
The AD9863 ADCs are optimized for ADC sampling of 50 MSPS
and less. The dual TxDACs operate at speeds up to 200 MHz
and include a bypassable 2× or 4× interpolation filter. The
AD9863 is optimized for high performance, low power, and
small form factor to provide a cost-effective solution for the
broadband communications market.
The AD9863 uses a single input clock pin (CLKIN) or two
independent clocks for the Tx path and the Rx path. The ADC
and TxDAC clocks are generated within a timing generation
block that provides user programmable options such as divide
circuits, PLL multipliers, and switches.
A flexible, bidirectional 24-bit I/O bus accommodates a variety
of custom digital back ends or open market DSPs.
In half-duplex systems, the interface supports 24-bit parallel
transfers or 12-bit interleaved transfers. In full-duplex systems,
the interface supports a 12-bit interleaved ADC bus and a
12-bit interleaved TxDAC bus. The flexible I/O bus reduces pin
count, also reducing the required package size on the AD9863
and the device to which it connects.
The AD9863 can use either mode pins or a serial programma-
ble interface (SPI) to configure the interface bus, operate the
ADC in a low power mode, configure the TxDAC interpolation
rate, and control ADC and TxDAC power-down. The SPI
provides more programmable options for both the TxDAC path
(for example, coarse and fine gain control and offset control for
channel matching) and the ADC path (for example, the internal
duty cycle stabilizer and twos complement data format).
The AD9863 is packaged in a 64-lead LFCSP (low profile, fine
pitched, chip scale package). The 64-lead LFCSP footprint is
only 9 mm × 9 mm and is less than 0.9 mm high, fitting into
such tightly spaced applications as PCMCIA cards.


Similar Part No. - AD9863-50EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9863-50EB AD-AD9863-50EB Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
More results

Similar Description - AD9863-50EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9863 AD-AD9863 Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
Mixed-Signal Front End for Broadband Applications
REV. A
AD9993 AD-AD9993 Datasheet
2Mb / 56P
Integrated Mixed-Signal Front End (MxFE)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com