Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9863 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices AD9863 Datasheet HTML 29Page - Analog Devices AD9863 Datasheet HTML 30Page - Analog Devices AD9863 Datasheet HTML 31Page - Analog Devices AD9863 Datasheet HTML 32Page - Analog Devices AD9863 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD9863
Rev. A | Page 29 of 40
SPI Register Map
Registers 0x00 to 0x29 of the AD9863 provide flexible operation of the device. The SPI allows access to many configurable options.
Detailed descriptions of the bit functions are found in Table 17.
Table 16. Register Map
Reg. Name
Reg.
Add
7
6
5
4
3
2
1
0
General
0x00
SDIO BiDir
LSB first
Soft reset
Clock Mode
0x01
clk_mode [2:0]
Enable
IFACE2
clkout
Inv clkout
(IFACE3)
Power-Down
0x02
Tx analog
Tx digital
Rx digital
PLL power-
down
PLL output
disconnect
RxA Power-
Down
0x03
Rx_A analog
Rx_A DC bias
RxB Power-
Down
0x04
Rx_B analog
Rx_B DC bias
Rx Power-
Down
0x05
Rx analog bias
RxRef
DiffRef
VREF
Rx Path
0x06
Rx_A twos
complement
Rx_A Clk
Duty
Rx Path
0x07
Rx_B twos
complement
Rx_B Clk
Duty
Rx Path
0x08
Rx ultralow
power
control
Rx ultralow
power
control
Rx path
0x09
Rx ultralow
power control
Rx ultralow
power control
Rx ultralow
power
control
Rx Path
0x0A
Rx ultralow
power control
Rx ultralow
power control
Rx ultralow
power
control
Tx Path
0B
DAC A offset [9:2]
Tx Path
0C
DAC A offset [1:0]
DAC A offset
direction
Tx Path
0D
DAC A coarse gain control
DAC A fine gain [5:0]
Tx Path
0E
DAC B offset [9:2]
Tx Path
0F
DAC B offset [1:0]
DAC B offset
direction
Tx Path
10
DAC B coarse gain control
DAC B fine gain [5:0]
Tx Path
11
TxPGA gain [7:0]
Tx Path
12
TxPGA slave
enable
TxPGA fast
update
I/O
Configuration
13
Tx twos
complement
Rx twos
complement
Tx inverse
sample
Interpolation control [1:0]
I/O
Configuration
14
Dig loop on
SpiFD/HD
Spi
Tx/Rx
SpiB12/24
SPI IO
control
SpiClone
Clock
15
PLL bypass
ADC clock div
Alt timing
mode
PLL Div5
PLL multiplier [2:0]
Clock
16
PLL to IFACE2
PLL slow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com