Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX775C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX775C/D
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX775C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX775C/D Datasheet HTML 5Page - Maxim Integrated Products MAX775C/D Datasheet HTML 6Page - Maxim Integrated Products MAX775C/D Datasheet HTML 7Page - Maxim Integrated Products MAX775C/D Datasheet HTML 8Page - Maxim Integrated Products MAX775C/D Datasheet HTML 9Page - Maxim Integrated Products MAX775C/D Datasheet HTML 10Page - Maxim Integrated Products MAX775C/D Datasheet HTML 11Page - Maxim Integrated Products MAX775C/D Datasheet HTML 12Page - Maxim Integrated Products MAX775C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Detailed Description
The MAX774/MAX775/MAX776 are negative-output,
inverting power controllers that can be configured to drive
an external P-channel MOSFET. The output voltages are
preset to -5V (MAX774), -12V (MAX775), or -15V
(MAX776). Additionally, all three parts can be set to any
desired output voltage using an external resistor divider.
The MAX774/MAX775/MAX776 have a unique control
scheme (Figure 1) that combines the advantage of
pulse-skipping, pulse-frequency-modulation (PFM)
converters (ultra-low supply current) with the advan-
tage of pulse-width modulation (PWM) converters (high
efficiency with heavy loads). This control scheme
allows the devices to achieve 85% efficiency with loads
from 5mA to 1A.
As with traditional PFM converters, the external
P-channel MOSFET power transistor is turned on when
the voltage comparator senses that the output is below
the reference voltage. However, unlike traditional PFM
converters, switching is controlled by the combination
of a switch current limit (210mV/RSENSE) and
on-time/off-time limits set by one-shots. Once turned
on, the MOSFET stays on until the 16µs maximum on-
time limit is reached or the switch current reaches its
limit (as set by the current-sense resistor).
Once off, the switch is typically held off for a minimum of
2.3µs. It will stay off until the output drops below the level
determined by VREF and the feedback divider network.
With light loads, the MOSFET switches on for one or
more cycles and then switches off, much like in tradi-
tional PFM converters. To increase light-load efficiency,
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
_______________________________________________________________________________________
9
N
1.5V
REFERENCE
Q
TRIG
ONE-SHOT
Q
TRIG
ONE-SHOT
CURRENT-
CONTROL CIRCUITS
MODE
COMPARATOR
ERROR
COMPARATOR
CURRENT
COMPARATOR
FROM V+
FROM OUT
0.2V
(FULL CURRENT)
0.1V
(HALF CURRENT)
FROM
V+
MAX774
MAX775
MAX776
REF
V+
SHDN
FB
OUT
CS
EXT
GND
S
R
Q
50mV
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com