Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4891-1/ADA4891-2
Rev. A | Page 14 of 20
DRIVING CAPACITIVE LOADS
A highly capacitive load reacts with the output impedance of
the amplifiers, causing a loss of phase margin and subsequent
peaking or even oscillation, as is shown in Figure 45 and
Figure 46. Four methods that minimize the output capacitive
loading effect include:
Reducing the output resistive load. This pushes the pole
further away and, hence, improves the phase margin.
Increase the phase margin with higher noise gains. As
the closed-loop gain is increased, the larger phase margin
allows for large capacitor loads with less peaking.
Adding a parallel capacitor, CF with RF, from −IN to the
output. This adds a zero in the closed-loop frequency
response, which tends to cancel out the pole formed by
the capacitive load and output impedance of the amplifier.
Refer to the Effect of RF on 0.1 dB Gain Flatness section for
more details.
Putting a small value resistor, RS, in series with the output
to isolate the load capacitor from the output stage of
the amplifier.
–10
–8
–6
–4
–2
0
2
4
6
8
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
VOUT = 200mV p-p
G = +1
RL = 1kΩ
CL = 6.8pF
Figure 45. Closed-Loop Frequency Response, CL = 6.8 pF
50ns/DIV
50mV/DIV
VS = 5V
G = +1
RL = 1kΩ
CL = 6.8pF
C1
0
100
–100
Figure 46. 200 mV Step Response, CL = 6.8 pF
Figure 47 shows the effect of using a snub resistor (RS) on reducing
the peaking in the worst-case frequency response (gain of +1).
Using RS = 100 Ω reduces the peaking by 3 dB, with the tradeoff
that the closed-loop gain is reduced by 0.9 dB due to attenuation at
the output. RS can be adjusted from 0 Ω to 100 Ω to maintain an
acceptable level of peaking and closed-loop gain, as shown in
Figure 48.
Figure 48 shows that the transient response is also much improved
by the snub resistor RS = 100 Ω, compared to that of Figure 46.
–10
–8
–6
–4
–2
0
2
4
6
8
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
VOUT = 200mV p-p
G = +1
RL = 1kΩ
CL = 6.8pF
RS = 0Ω
RS = 100Ω
50
RL
RS
CL
VOUT
VIN
200mV
STEP
Figure 47. Capacitive Load Drive vs. Closed-Loop Gain
VS = 5V
G = +1
RL = 1kΩ
CL = 6.8pF
RS = 100Ω
C1
50ns/DIV
50mV/DIV
0
100
–100
Figure 48. 200 mV Step Response, CL = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com