Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4153YRUZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4153YRUZ
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153YRUZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4153YRUZ Datasheet HTML 16Page - Analog Devices ADF4153YRUZ Datasheet HTML 17Page - Analog Devices ADF4153YRUZ Datasheet HTML 18Page - Analog Devices ADF4153YRUZ Datasheet HTML 19Page - Analog Devices ADF4153YRUZ Datasheet HTML 20Page - Analog Devices ADF4153YRUZ Datasheet HTML 21Page - Analog Devices ADF4153YRUZ Datasheet HTML 22Page - Analog Devices ADF4153YRUZ Datasheet HTML 23Page - Analog Devices ADF4153YRUZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADF4153
Data Sheet
Rev. F | Page 22 of 24
APPLICATIONS INFORMATION
LOCAL OSCILLATOR FOR A GSM BASE STATION
TRANSMITTER
Figure 20 shows the ADF4153 being used with a VCO to
produce the local oscillator (LO) for a GSM base station
transmitter.
The reference input signal is applied to the circuit at REFIN and,
in this case, is terminated in 50 Ω. A 25 MHz reference is used,
which is fed directly to the PFD. To achieve 200 kHz channel
spacing, a modulus of 125 is necessary. Note that with a modulus
of 125, which is not divisible by 2, 3 or 6, subfractional spurs are
avoided. See the Spur Mechanisms section for more information.
The charge pump output of the ADF4153 drives the loop filter.
The charge pump current is ICP = 5 mA. ADIsimPLL is used to
calculate the loop filter. It is designed for a loop bandwidth of
20 kHz and a phase margin of 45 degrees.
The loop filter output drives the VCO, which in turn is fed back
to the RF input of the PLL synthesizer. It also drives the RF output
terminal. A T-circuit configuration provides 50 Ω matching
between the VCO output, the RF output, and the RFIN terminal
of the synthesizer.
In a PLL system, it is important to know when the loop is in
lock. This is achieved by using the MUXOUT signal from the
synthesizer. The MUXOUT pin can be programmed to monitor
various internal signals in the synthesizer. One of these is the
lock detect signal.
VDD
VP
AVDD DVDD
ADF4153
VP
22nF
82Ω
160Ω
270nF
VCO190-902T
VCC
RFOUT
18Ω
18Ω
18Ω
100pF
100pF
1000pF
1000pF
51Ω
5.1kΩ
REFIN
SVDD
5
3
4
9
7
15
16
6
14
14
10
2
2
RSET
MUXOUT
LOCK
DETECT
100pF
100pF
RFINA
RFINB
CLK
DATA
LE
DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO THE PINS.
CP
8
10
FREFIN
8.2nF
100nF
10µF
100nF
10µF
10pF
100nF
51Ω
Figure 20. Local Oscillator for a GSM Base Station Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com