Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5310ACP-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 13Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADL5310
Rev. A | Page 10 of 20
0
100
200
300
400
500
600
700
SLOPE (mV/dec)
195
190
200
205
210
Figure 27. Distribution of Logarithmic Slope
0
100
200
300
400
500
600
INTERCEPT (pA)
200
100
300
400
500
Figure 28. Distribution of Logarithmic Intercept
0
100
200
300
400
500
600
700
VREF VOLTAGE (V)
2.48
2.46
2.50
2.52
2.54
Figure 29. Distribution of VREF (RL = 100 kΩ)
0
50
100
150
200
250
300
350
400
450
–3
0
–9
–6
3
6
9
SLOPE MISMATCH (mV/dec)
Figure 30. Distribution of Channel-to-Channel Slope Mismatch (VY1 – VY2)
0
100
200
300
400
500
–100
0
–300
–200
100
200
300
INTERCEPT MISMATCH (pA)
Figure 31. Distribution of Channel-to-Channel Intercept Mismatch (IZ1 – IZ2)
0
100
200
300
400
500
–3
0
–9
–6
3
6
9
VINPT – VSUM VOLTAGE (mV)
Figure 32. Distribution of Offset Voltage (VINPT – VSUM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com