Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG528ATCHIPS Datasheet(PDF) 5 Page - Analog Devices

Part # ADG528ATCHIPS
Description  CMOS Latched 4-/8-Channel Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG528ATCHIPS Datasheet(HTML) 5 Page - Analog Devices

  ADG528ATCHIPS Datasheet HTML 1Page - Analog Devices ADG528ATCHIPS Datasheet HTML 2Page - Analog Devices ADG528ATCHIPS Datasheet HTML 3Page - Analog Devices ADG528ATCHIPS Datasheet HTML 4Page - Analog Devices ADG528ATCHIPS Datasheet HTML 5Page - Analog Devices ADG528ATCHIPS Datasheet HTML 6Page - Analog Devices ADG528ATCHIPS Datasheet HTML 7Page - Analog Devices ADG528ATCHIPS Datasheet HTML 8Page - Analog Devices ADG528ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
ADG528A/ADG529A
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
1
ADG528AKN
–40
°C to +85°C
PDIP
N-18
ADG528AKP
–40
°C to +85°C
PLCC
P-20A
ADG528AKP-REEL
–40
°C to +85°C
PLCC
P-20A
ADG528ABQ
–40
°C to +85°C
CERDIP
Q-18
ADG528ATQ
–55
°C to +125°C
CERDIP
Q-18
ADG528ABCHIPS
DIE
ADG528ATCHIPS
DIE
ADG529AKN
–40
°C to +85°C
PDIP
N-18
ADG529AKP
–40
°C to +85°C
PLCC
P-20A
ADG529AKRW
–40
°C to +85°C
SOIC
RW-18
ADG529AKRW-REEL
–40
°C to +85°C
SOIC
RW-18
ADG529AKRW-REEL7
–40
°C to +85°C
SOIC
RW-18
ADG529ABQ
–40
°C to +85°C
CERDIP
Q-18
ADG529ATQ
–55
°C to +125°C
CERDIP
Q-18
ADG529ABCHIPS
DIE
ADG529ATCHIPS
DIE
NOTES
1N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip; RW = SOIC.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C, unless otherwise noted)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25 V
Analog Inputs
2
Voltage at S, D . . . . . . . . . VSS – 2 V to VDD + 2 V or 20 mA,
whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . 20 mA
Pulsed Current, S or D
1 ms duration, 10% Duty Cycle . . . . . . . . . . . . . . . 40 mA
Digital Inputs
1
Voltage at A, EN,
WR, RS . . . . . . V
SS – 4 V to VDD + 4 V or
20 mA, whichever Occurs First
Power Dissipation (Any Package)
Up to +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470 mW
Derates above +75
°C . . . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (K Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Overvoltage at A, EN,
WR, RS, S or D will be clamped by diodes. Current should
be limited to the maximum rating above.
PIN CONFIGURATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADG528A/ADG529A features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PLCC
DIP/SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com